Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C6 Datasheet(PDF) 211 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 211 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 207Page - STMicroelectronics ST92195C6 Datasheet HTML 208Page - STMicroelectronics ST92195C6 Datasheet HTML 209Page - STMicroelectronics ST92195C6 Datasheet HTML 210Page - STMicroelectronics ST92195C6 Datasheet HTML 211Page - STMicroelectronics ST92195C6 Datasheet HTML 212Page - STMicroelectronics ST92195C6 Datasheet HTML 213Page - STMicroelectronics ST92195C6 Datasheet HTML 214Page - STMicroelectronics ST92195C6 Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 249 page
background image
211/249
ST92195C/D - ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
(VDD= 5V +/-10%; TA= 0 to 70°C; unless otherwise specified)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Max.
VIHCK
Clock In high level
External clock
0.7 VDD
V
VILCK
Clock in low level
External clock
0.3 VDD
V
VIH
Input high level
TTL
2.0
V
VIL
Input low level
TTL
0.8
V
VIH
Input high level
CMOS
0.7 VDD
V
VIL
Input low level
CMOS
0.3 VDD
V
VIHRS
Reset in high level
0.7 VDD
V
VILRS
Reset in low level
0.3 VDD
V
VHYRS
Reset in hysteresis
0.3
V
VIHY
P2.(1:0) input hysteresis
0.9
V
VIHVH
HSYNC/VSYNC input high level
0.7 VDD
V
VILVH
HSYNC/VSYNC input low level
0.3 VDD
V
VHYHV
HSYNC/VSYNC input hysteresis
0.5
V
VOH
Output high level
Push-pull ILOAD =-0.8 mA
VDD-0.8
V
VOL
Output low level
Push-pull ILOAD =+1.6 mA
0.4
V
IWPU
Weak pull-up current
Bidirectional weak pull-up
VIN = VSS
-50
-420
µA
ILKIO
I/O pin input leakage current
0<VIN<VDD
-1
+1
µA
ILKRS
Reset pin input
0<VIN<VDD
-1
+1
µA
ILKAD
A/D pin input leakage current
alternate funct. op. drain
-1
+1
µA
ILKOS
OSCIN pin input leakage current
0<VIN<VDD
-1
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com