Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C6 Datasheet(PDF) 214 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 214 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 210Page - STMicroelectronics ST92195C6 Datasheet HTML 211Page - STMicroelectronics ST92195C6 Datasheet HTML 212Page - STMicroelectronics ST92195C6 Datasheet HTML 213Page - STMicroelectronics ST92195C6 Datasheet HTML 214Page - STMicroelectronics ST92195C6 Datasheet HTML 215Page - STMicroelectronics ST92195C6 Datasheet HTML 216Page - STMicroelectronics ST92195C6 Datasheet HTML 217Page - STMicroelectronics ST92195C6 Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 249 page
background image
214/249
ST92195C/D - ELECTRICAL CHARACTERISTICS
OSD DAC CHARACTERISTICS
(VDD= 5V +/-10%, TA= 0 to 70°C, unless otherwise specified).
A/D CONVERTER, EXTERNAL TRIGGER TIMING TABLE
(VDD= 5V +/-10%; TA= 0 to 70°C; unless otherwise specified)
A/D CONVERTER. ANALOG PARAMETERS TABLE
(VDD= 5V +/-10%; TA= 0 to 70°C; unless otherwise specified)
Notes:(*)The values are expected at 25 Celsius degrees with
VDD= 5V
(**)’LSBs’ , as used here, as a value of
VDD/256
(1)@ 24 MHz external clock
(2)including Sample time
(3)it must be considered as the on-chip series resistance before the sampling capacitor
(4)DNL ERROR= max {[V(i) -V(i-1)] / LSB-1}INL ERROR= max {[V(i) -V(0)] / LSB-i}
ABSOLUTE ACCURACY= overall max conversion error
Symbol
Parameter
Conditions
Value
Unit
min
typical
max
Output impedance: FB,R,G,B
300
500
700
Ohm
Output voltage: FB,R,G,B
CLOAD= 20 pF
RLOAD = 100 kΩ
code= 111
1.100
1.400
V
code= 011
0.600
0.800
V
code= 000
0.200
0.350
V
FB= 1
VDD-0.8
V
FB= 0
0.400
V
Global voltage accuracy
+/-5
%
Symbol
Parameter
OSCIN divide by
2;min/max
OSCIN divide by
1; min/max
Value
Unit
min
max
Tlow
Pulse Width
1.5
INTCLK
ns
Text
Period/fast Mode
78+1
INTCLK
µs
Tstr
Start Conversion Delay
0.5
1.5
INTCLK
Parameter
Value
Unit
Note
typ (*)
min
max
(**)
Analog Input Range
VSS
VDD
V
Conversion Time Fast/Slow
78/138
INTCLK
(1,2)
Sample Time Fast/Slow
51.5/87.5
INTCLK
(1)
Power-up Time
60
µs
Resolution
8
bits
Differential Non Linearity
1.5
2.5
LSBs
(4)
Integral Non Linearity
2
3
LSBs
(4)
Absolute Accuracy
2
3
LSBs
(4)
Input Resistance
1.5
Kohm
(3)
Hold Capacitance
1.92
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com