Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C6 Datasheet(PDF) 218 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 218 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 214Page - STMicroelectronics ST92195C6 Datasheet HTML 215Page - STMicroelectronics ST92195C6 Datasheet HTML 216Page - STMicroelectronics ST92195C6 Datasheet HTML 217Page - STMicroelectronics ST92195C6 Datasheet HTML 218Page - STMicroelectronics ST92195C6 Datasheet HTML 219Page - STMicroelectronics ST92195C6 Datasheet HTML 220Page - STMicroelectronics ST92195C6 Datasheet HTML 221Page - STMicroelectronics ST92195C6 Datasheet HTML 222Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 249 page
background image
October 2003
218/249
ST92E195C/D-
ST92T195C/D
64-84K EPROM/OTP HCMOS
MCU WITH
ON-SCREEN-DISPLAY AND
TELETEXT DATA SLICER
s
Register File based 8/16 bit Core Architecture
with RUN, WFI, SLOW and HALT modes
s
0°C to +70°C operating temperature range
s
Up to 24 MHz. operation @ 5V±10%
s
Min. instruction cycle time: 165ns at 24 MHz.
s
64 or 84 Kbytes EPROM or OTP
s
256 bytes RAM of Register file (accumulators or
index registers)
s
512 bytes of on-chip static RAM
s
8 Kbytes of TDSRAM (Teletext and Display
Storage RAM)
s
28 fully programmable I/O pins
s
Serial Peripheral Interface
s
Flexible Clock controller for OSD, Data Slicer
and Core clocks running from a single low
frequency external crystal.
s
Enhanced display controller with 26 rows of
40/80 characters
– 2 sets of 512 characters, programmable on
some devices
– Serial and Parallel attributes
– 10x10 dot matrix, definable by user
– 4/3 and 16/9 supported in 50/60Hz and 100/
120 Hz mode
– Rounding, fringe, double width, double height,
scrolling, cursor, full background color, half-
intensity color, translucency and half-tone
modes
STMicroelectronics OPTION LIST
ST92185 AND ST92195
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Fax No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
STMicroelectronics reference:
Device:
[ ] ST92185B2
[ ] ST92185B3
[ ] ST92195B1
[ ] ST92195B3
[ ] ST92195B4
[ ] ST92195B5
[ ] ST92195B6
[ ] ST92195B7
[ ] ST92195C3
[ ] ST92195C4
[ ] ST92195C5
[ ] ST92195C6
[ ] ST92195C7
[ ] ST92195C8
[ ] ST92195C9
[ ] ST92195D5
[ ] ST92195D6
[ ] ST92195D7
Package : [ ] PSDIP42*
[ ] PSDIP56
[ ] TQFP64
(*ST92185 only)
Temperature Range : 0° to 70° C
Software Development:
[ ] STMicroelectronics
[ ] Customer
[ ] External laboratory
Special Marking:[ ] No
SDIP42
[ ] Yes "_ _ _ _ _ _ _ _ _ _ _ _ _ _"
PSDIP56
[ ] Yes "_ _ _ _ _ _ _ _ _ _ _ _ _ _"
TQFP64
[ ] Yes "_ _ _ _ _ _ _ _ _ _ "
For marking, one line is possible with maximum 14 characters (SDIP42/56) and 10 characters
(TQFP64). Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Please consult your local ST Microelectronics sales office for other marking details if required.
Notes
:
OSD Code
: [ ] OSD Files Filename [........ .OS0] Filename [........ .OS1]
: [ ] OSD File Filename [........ .OSD] (for ST92185B and ST92195B)
Quantity forecast : [..................] k units per year
For a period of
: [..................] years
Preferred Production start dates : [../../..] (YY/MM/DD)
Date:
Customer Signature :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com