Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFSC5G37D37 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AFSC5G37D37
Description  Addendum contactless chip card module specification
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AFSC5G37D37 Datasheet(HTML) 3 Page - NXP Semiconductors

  AFSC5G37D37 Datasheet HTML 1Page - NXP Semiconductors AFSC5G37D37 Datasheet HTML 2Page - NXP Semiconductors AFSC5G37D37 Datasheet HTML 3Page - NXP Semiconductors AFSC5G37D37 Datasheet HTML 4Page - NXP Semiconductors AFSC5G37D37 Datasheet HTML 5Page - NXP Semiconductors AFSC5G37D37 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
168230
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 3.0 — 15 January 2009
3 of 6
NXP Semiconductors
SL2MOS5401
Addendum contactless chip card module specification
5. Characteristics
5.1 Electrical characteristics
[1]
Typical ratings are not guaranteed. These values listed are at room temperature.
[2]
Bandwidth limitation (
± 7 kHz) according to ISM band regulations.
[3]
Measured with an HP 4285A LCR meter at 13.56 MHz.
[4]
Including losses in resonant capacitor and rectifier.
[5]
Refer to ISO/IEC 15693-2 and ISO/IEC 15693-3 including pulse shapes and tolerances; proper coil design assumed
6. References
[1]
Data sheet — Product data sheet SL2ICS53/SL2ICS54
Table 3.
Characteristics[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Top = −25 to 85 °C
VLA-LB
minimum supply voltage for
READ/WRITE/EAS
± 2.5
± 2.6
± 2.9
Vrms
fop
operating frequency
[2]
13.553
13.560
13.567
MHz
Cres
input capacitance between
LA – LB
VLA-LB = 2 Vrms
[3]
92
97
102
pF
Pmin
minimum operating supply
power
[4]
-280
-
μW
m
modulation of RF voltage for
demodulator response
[5]
---%
tPsm
modulation pulse length
of RF voltage
[5]
---
μs
tD
demodulator response time
m
≥ 10 %, 100 %
[5]
---
μs
Rmod
load modulation
[5]
---
Ω
EEPROM characteristics:
tret
data retention time
Tamb ≤ 55 °C
10
-
year
nendu(W)
write endurance
100000
-
-
cycle
min
max
min
max
V
+
V
V
-
V
m
=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com