Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFSC5G37D37 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AFSC5G37D37
Description  Addendum contactless chip card module specification
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AFSC5G37D37 Datasheet(HTML) 1 Page - NXP Semiconductors

  AFSC5G37D37 Datasheet HTML 1Page - NXP Semiconductors AFSC5G37D37 Datasheet HTML 2Page - NXP Semiconductors AFSC5G37D37 Datasheet HTML 3Page - NXP Semiconductors AFSC5G37D37 Datasheet HTML 4Page - NXP Semiconductors AFSC5G37D37 Datasheet HTML 5Page - NXP Semiconductors AFSC5G37D37 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1. General description
This document gives specifications for the product SL2MOS5401.
• The SL2MOS5401 is the integrated circuit SL2ICS5401 in the package SOT500AA1.
Therefore this document encompasses all information not covered by the specification of
the package and/or the functional specification of the integrated circuit.
• Detailed information on the package is given in the contactless chip card module
specification.
• Functionality of the integrated circuit is described in the “Product data sheet
SL2ICS53/SL2ICS54”.
2. Ordering information
3. Specifications
3.1 Chip
Functionality of the integrated circuit is described in the “Product data sheet
SL2ICS53/SL2ICS54”.
SL2MOS5401
Addendum contactless chip card module specification
Rev. 3.0 — 15 January 2009
Product data sheet
168230
PUBLIC
Table 1.
Ordering information
Type number
Package
Name
Description
Version
SL2MOS5401EV
PLLMC
Plastic leadless module carrier package; 35 mm wide tape
SOT500


Similar Part No. - AFSC5G37D37

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFSC5G37D37 NXP-AFSC5G37D37 Datasheet
392Kb / 12P
Power Amplifier Module for LTE and 5G
Rev. 0, 08/2019
More results

Similar Description - AFSC5G37D37

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
CONTACTLESS READER CHIP SET
Jan-2001
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
logo
Silan Microelectronics ...
SC23R01 SILAN-SC23R01 Datasheet
148Kb / 6P
8KBIT CONTACTLESS IC CARD
logo
NXP Semiconductors
SL1MOA2S30 PHILIPS-SL1MOA2S30 Datasheet
34Kb / 7P
Contactless Chip Card Module Specification
July 2001
logo
Bellnix Co.,Ltd.
BWS BELLNIX-BWS Datasheet
998Kb / 13P
Contactless power supply module
logo
NXP Semiconductors
MPC7447AECS01AD NXP-MPC7447AECS01AD Datasheet
129Kb / 8P
Hardware Specification Addendum for the MC7447AxxnnnnNx Series
Rev. 3, 09/2005
MPC7447AECS02AD NXP-MPC7447AECS02AD Datasheet
102Kb / 8P
MPC7447A Hardware Specification Addendum for the MC7447ATxxnnnnNx Series
Rev. 1, 10/2004
MPC7457ECS01AD NXP-MPC7457ECS01AD Datasheet
457Kb / 12P
MPC7457 Hardware Specification Addendum for the MPC74n7RXnnnnNx Series
Rev. 3, 01/2005
CLRM701 NXP-CLRM701 Datasheet
1Mb / 21P
Mifare® & ICODE contactless reader module
Rev. 3.2 - 24 May 2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com