Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MKP1845-310-135-R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKP1845-310-135-R
Description  Metallized Polypropylene Film Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1845-310-135-R Datasheet(HTML) 2 Page - Vishay Siliconix

  MKP1845-310-135-R Datasheet HTML 1Page - Vishay Siliconix MKP1845-310-135-R Datasheet HTML 2Page - Vishay Siliconix MKP1845-310-135-R Datasheet HTML 3Page - Vishay Siliconix MKP1845-310-135-R Datasheet HTML 4Page - Vishay Siliconix MKP1845-310-135-R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions contact; dc-film@vishay.com
Document Number: 26023
2
Revision: 04-Jul-05
MKP 1845
Vishay Roederstein
Metallized Polypropylene Film Capacitor
Related Document: IEC 60384-16
DISSIPATION FACTOR TAN
δ
Further C-values on request
pcm = L + 3.5
RECOMMENDED PACKAGING
MEASURED AT
C
≤ 0.1µF
0.1µF < C
≤ 1.0µF
C > 1.0µF
1kHz
0.3 x 10-3
0.3 x 10-3
0.3 x 10-3
10kHz
0.4 x 10-3
0.4 x 10-3
—
100kHz
1.5 x 10-3
——
Maximum values
CAPACITANCE
CAPACITANCE
CODE
VOLTAGE
CODE 16
160 VDC/100 VAC
VOLTAGE
CODE 25
250 VDC/160 VAC
VOLTAGE
CODE 40
400 VDC/220 VAC
VOLTAGE
CODE 63
630 VDC/250 VAC
D
L
DLDLDL
1000pF
- 210
—
—
—
—
—
—
—
—
1500pF
- 215
—
—
—
—
—
—
—
—
2200pF
- 222
—
—
—
—
—
—
—
—
3300pF
- 233
—
—
—
—
—
—
—
—
4700pF
- 247
—
—
—
—
—
—
—
—
6800pF
- 268
—
—
—
—
—
—
—
—
0.01µF
- 310
—
—
—
—
6.0
17.0
7.0
22.0
0.015µF
- 315
—
—
—
—
6.5
17.0
8.0
22.0
0.022µF
- 322
—
—
6.0
17.0
7.5
17.0
9.5
22.0
0.033µF
- 333
6.0
17.0
7.0
17.0
7.0
22.0
9.0
29.0
0.047µF
- 347
6.5
17.0
8.0
17.0
8.0
22.0
10.5
29.0
0.068µF
- 368
7.5
17.0
7.0
22.0
9.0
22.0
12.5
29.0
0.1µF
- 410
7.0
22.0
8.0
22.0
11.0
22.0
12.5
34.0
0.15µF
- 415
8.0
22.0
9.5
22.0
10.0
29.0
15.0
34.0
0.22µF
- 422
9.5
22.0
9.0
29.0
12.0
29.0
14.5
44.0
0.33µF
- 433
9.0
29.0
10.5
29.0
13.5
29.0
17.5
44.0
0.47µF
- 447
10.0
29.0
12.0
29.0
15.0
34.0
21.0
44.0
0.68µF
- 468
12.0
29.0
13.0
34.0
17.5
34.0
25.0
44.0
1.0µF
- 510
12.5
34.0
15.5
34.0
17.5
44.0
—
—
1.5µF
- 515
15.5
34.0
15.5
44.0
21.5
44.0
—
—
2.2µF
- 522
15.5
44.0
18.5
44.0
26.0
44.0
—
—
3.3µF
- 533
18.5
44.0
22.5
44.0
—
—
—
—
4.7µF
- 547
22.0
44.0
—
—
—
—
—
LETTER
CODE
TYPE OF
PACKAGING
REEL DIAMETER
(mm)
ORDERING CODE
EXAMPLES
G
AMMO
—
MKP 1845-310-135-G
X
R
REEL
350
MKP 1845-310-135-R
X
—BULK
for L > 31.5mm
—
MKP 1845-410-135
X



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com