Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MKP1845-310-135-R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKP1845-310-135-R
Description  Metallized Polypropylene Film Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1845-310-135-R Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP1845-310-135-R Datasheet HTML 1Page - Vishay Siliconix MKP1845-310-135-R Datasheet HTML 2Page - Vishay Siliconix MKP1845-310-135-R Datasheet HTML 3Page - Vishay Siliconix MKP1845-310-135-R Datasheet HTML 4Page - Vishay Siliconix MKP1845-310-135-R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 26023
For technical questions contact; dc-film@vishay.com
www.vishay.com
Revision: 04-Jul-05
3
MKP 1845
Metallized Polypropylene Film Capacitor
Related Document: IEC 60384-16
Vishay Roederstein
Further C-values on request
pcm = L + 3.5
RECOMMENDED PACKAGING
CAPACITANCE
CAPACITANCE
CODE
VOLTAGE
CODE 10
1000 VDC/600VAC
VOLTAGE
CODE 13
1600 VDC/650 VAC
VOLTAGE
CODE 20
2000 VDC/700 VAC
D
L
DLDL
1000pF
- 210
—
—
—
—
6.5
29.0
1500pF
- 215
—
—
—
—
6.5
29.0
2200pF
- 222
—
—
—
—
6.5
29.0
3300pF
- 233
—
—
—
—
7.0
29.0
4700pF
- 247
—
—
—
—
8.0
29.0
6800pF
- 268
—
—
—
—
9.5
29.0
0.01µF
- 310
6.5
29.0
8.0
29.0
11.0
29.0
0.015µF
- 315
8.0
29.0
9.5
29.0
11.5
34.0
0.022µF
- 322
9.0
29.0
11.0
29.0
13.0
34.0
0.033µF
- 333
11.0
29.0
11.5
34.0
16.0
34.0
0.047µF
- 347
11.0
34.0
13.5
34.0
15.0
44.0
0.068µF
- 368
13.0
34.0
16.0
34.0
18.0
44.0
0.1µF
- 410
15.5
34.0
15.0
44.0
21.0
44.0
0.15µF
- 415
15.0
44.0
18.5
44.0
—
—
0.22µF
- 422
18.0
44.0
22.0
44.0
—
—
0.33µF
- 433
—
—
—
—
—
—
0.47µF
- 447
—
—
—
—
—
—
0.68µF
- 468
—
—
—
—
—
—
1.0µF
- 510
——
——
——
1.5µF
- 515
——
——
——
2.2µF
- 522
——
——
——
3.3µF
- 533
——
——
——
4.7µF
- 547
——
——
——
LETTER
CODE
TYPE OF
PACKAGING
REEL DIAMETER
(mm)
ORDERING CODE
EXAMPLES
G
AMMO
—
MKP 1845-310-135-G
X
R
REEL
350
MKP 1845-310-135-R
X
—BULK
for L > 31.5mm
—
MKP 1845-410-135
X



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com