Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP130NS04ZB Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP130NS04ZB
Description  N-CHANNEL CLAMPED - 7 mohm - 80A TO-220/D2PAK/TO-247 FULLY PROTECTED MESH OVERLAY MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP130NS04ZB Datasheet(HTML) 3 Page - STMicroelectronics

  STP130NS04ZB Datasheet HTML 1Page - STMicroelectronics STP130NS04ZB Datasheet HTML 2Page - STMicroelectronics STP130NS04ZB Datasheet HTML 3Page - STMicroelectronics STP130NS04ZB Datasheet HTML 4Page - STMicroelectronics STP130NS04ZB Datasheet HTML 5Page - STMicroelectronics STP130NS04ZB Datasheet HTML 6Page - STMicroelectronics STP130NS04ZB Datasheet HTML 7Page - STMicroelectronics STP130NS04ZB Datasheet HTML 8Page - STMicroelectronics STP130NS04ZB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
STP130NS04ZB - STB130NS04ZB - STW130NS04ZB
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 6: On/Off
Table 7: Dynamic
Table 8: Source Drain Diode
(1) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(2) Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Clamped Voltage
ID = 1 mA, VGS = 0
-40 < Tj < 175 °C
33
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = 16 V,Tj = 25 °C
VDS = 16 V,Tj = 125 °C
10
100
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ±10 V,Tj = 25 °C10
µA
VGSS
Gate-Source
Breakdown Voltage
IGS = ±100 µA
18
V
VGS(th)
Gate Threshold Voltage
VDS = VGS = ID = 1 mA
2
4
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V ,ID = 40 A
7
9
m
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
Forward Transconductance
VDS = 15 V, ID = 40 A
50
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25 V, f = 1MHz, VGS = 0
2700
1275
285
pF
pF
pF
td(on)
tf
td(off)
tf
Turn-on Delay Time
Fall Time
Turn-off Delay Time
Fall Time
VDD = 17.5 V, ID = 40 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 15)
40
220
170
100
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 20 V, ID = 80 A,
VGS = 10 V
(see Figure 17)
80
20
27
105
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (2)
Source-drain Current
Source-drain Current (pulsed)
80
320
A
A
VSD (1)
Forward On Voltage
ISD = 80 A, VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 80 A, di/dt = 100A/µs
VDD = 25V, Tj = 150°C
(see Figure 16)
90
0.18
4
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com