Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV82X7DT Datasheet(PDF) 60 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 56Page - STMicroelectronics STV82X7DT Datasheet HTML 57Page - STMicroelectronics STV82X7DT Datasheet HTML 58Page - STMicroelectronics STV82X7DT Datasheet HTML 59Page - STMicroelectronics STV82X7DT Datasheet HTML 60Page - STMicroelectronics STV82X7DT Datasheet HTML 61Page - STMicroelectronics STV82X7DT Datasheet HTML 62Page - STMicroelectronics STV82X7DT Datasheet HTML 63Page - STMicroelectronics STV82X7DT Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 149 page
background image
Register List
STV82x7
60/149
Note:
These registers allow direct access to the demodulator signal detectors.
AGC_CTRL
IF AGC Control Register
Bit Name
Reset
Function
Bit [7:5]
000
Reserved.
QPSK_LK
0
QPSK Lock Detection Flag
0: Not detected
1: Detected
FM2_CAR
0
Channel 2 FM/AM Carrier Detection Flag
0: Not detected
1: Detected
FM2_SQ
0
Channel 2 FM Squelch Detection Flag
0: Not detected
1: Detected
FM1_CAR
0
Channel 1 FM/AM Carrier Detection Flag
0: Not detected
1: Detected
FM1_SQ
0
Channel 1 FM Squelch Detection Flag
0: Not detected
1: Detected
Address: 0Eh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AGC_CMD
0
0
AGC_REF[2:0]
AGC_CST[1:0]
Bit Name
Reset
Function
AGC_CMD
0
Automatic Gain Control Command Mode
Normally set to 0 enabling automatic mode. For L/L’ standards, the AGC should be switched off
due to the presence of the AM sound carrier. In this case, a fixed gain value should be set using
the AGCS register.
0: Automatic mode. AGC controlled by the Autostandard function. (Default)
1: Manual/Forced mode
Bits[6:5]
00
Reserved.
AGC_REF[2:0]
100
This bitfield is used to defines the clipping level which adjusts the allowable proportion of samples
at the input of the ADC which will be clipped. The AGC tries to maximize the use of the full scale
range of the ADC. The default setting gives a ratio of 1/256.
Clipping Ratio
Clipping Ratio
000:
1/16 (Single carrier)
100:
1/256 (Default)
001:
1/32
101:
1/512
010:
1/64
110:
1/1024
011:
1/128
111:
1/2048 (Multiple carriers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com