Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV82X7DT Datasheet(PDF) 98 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 94Page - STMicroelectronics STV82X7DT Datasheet HTML 95Page - STMicroelectronics STV82X7DT Datasheet HTML 96Page - STMicroelectronics STV82X7DT Datasheet HTML 97Page - STMicroelectronics STV82X7DT Datasheet HTML 98Page - STMicroelectronics STV82X7DT Datasheet HTML 99Page - STMicroelectronics STV82X7DT Datasheet HTML 100Page - STMicroelectronics STV82X7DT Datasheet HTML 101Page - STMicroelectronics STV82X7DT Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 149 page
background image
Register List
STV82x7
98/149
12.15 Audio Processing
PRO_LOGIC2_CONTROL
Register Description
LR_UPMIX
0
0: disable upmixing
1: enable upmixing (DTS specified)
NORMALIZE
1
0: disable normalization
1: enable normalization
Address: AAh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PL2_LFE
PL2_OUTPUT_DOWNMIX[2:0]
PL2_MODES[2:0]
PL2_ACTIVE
Bit Name
Reset
Function
PL2_LFE
0
0: Reset the LFE channel
1: Bypass the LFE channel
PL2_OUTPUT_
DOWNMIX[2:0]
000
000: not applicable
001: not applicable
010: not applicable
011: 3/0 output mode (L,R,C)
100: 2/1 output mode (L,R,Ls - phantom)
101: 3/1 output mode (L,R,C,Ls)
110: 2/2 output mode (L,R,Ls,Rs - phantom)
111: 3/2 output mode (L,R,C,Ls,Rs)
PL2_MODES[2:0]
000
000: Pro Logic 1 Emulation (forced if DPL version)
001: Virtual (DPL2 version only)
010: Music (DPL2 version only)
011: Movie (standard) (DPL2 version only)
100: Matrix (DPL2 version only)
101: Custom (DPL2 version only)
110: not applicable (DPL2 version only)
111: not applicable (DPL2 version only)
PL2_ACTIVE
0
0: Dolby Prologic 2 is not active
1: Dolby Prologic 2 is active
Table 26: Prologic II Decode Mode Configuration
PL2
Mode
Decode Mode
Dimension
Center Width
Auto-
Balance
Panorama
Surround
Coherence
SUR
Filtering
0
Pro Logic
Emulation
30
1
0
0
2
1
Virtual
30
1
0
1
0
2
Music
xx
0
x
1
1
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com