Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT2DC20S20F Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HT2DC20S20F
Description  HITAG 2 transponder IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HT2DC20S20F Datasheet(HTML) 2 Page - NXP Semiconductors

  HT2DC20S20F Datasheet HTML 1Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 2Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 3Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 4Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 5Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 6Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 7Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 8Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HT2X_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.1 — 3 November 2014
210431
2 of 9
NXP Semiconductors
HT2x
HITAG 2 transponder IC
public-mode A (MIRO and transponders from
EM (H400x))
public-mode B (according to ISO 11784 and ISO 11785 for animal identification)
public-mode C (PIT compatible mode)
3.
Applications
Logistics
Livestock tracking
Asset tracking
Gas cylinder ID
Casino - gambling
Industrial automation
4.
Quick reference data
5.
Ordering information
[1]
This package is also known as MOA4.
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Wafer EEPROM characteristics
tret
retention time
Tamb 55 C10
-
-
year
Nendu(W)
write endurance
100000
-
-
cycle
Interface characteristics
Ci
input capacitance
between LA and LB
HT2ICS2002W/V6F/R
189
210
231
pF
Table 2.
Ordering information
Type number
Package
Name
Description
Version
HT2ICS2002W/V6F/R Wafer
sawn wafer on FFC, 150
m, 8 inch, UV, inkless -
HT2MOA4S20/E/3/R
PLLMC
plastic leadless module carrier package; 35 mm
wide tape
SOT500-2[1]
HT2DC20S20/F/R
PLLMC
plastic leadless module carrier package
SOT385-1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com