Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT2DC20S20F Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HT2DC20S20F
Description  HITAG 2 transponder IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HT2DC20S20F Datasheet(HTML) 4 Page - NXP Semiconductors

  HT2DC20S20F Datasheet HTML 1Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 2Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 3Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 4Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 5Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 6Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 7Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 8Page - NXP Semiconductors HT2DC20S20F Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HT2X_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.1 — 3 November 2014
210431
4 of 9
NXP Semiconductors
HT2x
HITAG 2 transponder IC
7.
Functional description
7.1 Overview of transponder
7.2 Memory map
The 256 bit memory area of the HITAG 2 transponder IC is divided into 8 pages. Each
page has a size of 32 bits.
Depending on the operation mode (crypto mode/password mode) the memory is
organized as described in the following:
Table 3.
Overview of transponders
Parameter
Description
Unit
carrier frequency
125
kHz
coding read
Manchester/Biphase
-
coding write
Pulse duration
-
modulation
ASK (amplitude shift keying)
-
total memory size
256
bit
user memory read/write
128
bit
read only serial number
32
bit
data retention
10
year
data security
encryption, authentication, passwords
-
data integrity
half-duplex handshake, reverse data transmission
-
Table 4.
Memory map in Crypto Mode
Page
Content
Access
0
serial number
ro
1
secret key low (32 bit)
r/w or 0
2
secret key high (16 bit)
reserved bit (14 bit)
r/w or ro
3
configuration (8 bit)
password tag (24 bit)
r/w or ro
4
usable memory page
r/w or ro
5
usable memory page
r/w or ro
6
usable memory page
r/w or ro
7
usable memory page
r/w or ro



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com