Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM54HC51 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC51
Description  Dual AND-OR-Invert Gate / Dual AND-OR Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC51 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54HC51 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC51 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC51 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC51 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL tPLH
Maximum Propagation
10
20
ns
Delay
AC Electrical Characteristics VCCe20V to 60V CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
tPHL tPLH
Maximum Propagation
20V
63
125
158
186
ns
Delay
45V
13
25
32
37
ns
60V
11
21
27
32
ns
tTLH tTHL
Maximum Output Rise
20V
30
75
95
110
ns
and Fall Time
45V
8
15
19
22
ns
60V
7
13
16
19
ns
CPD
Power Dissipation
(per AND-OR-Gate)
20
pF
Capacitance (Note 5)
CIN
Maximum Input
5
10
10
10
pF
Capacitance
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com