| Electronic Components Datasheet Search |
|
MM54HC51 Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM54HC51 Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF5302 January 1988 MM54HC51MM74HC51 Dual AND-OR-Invert Gate MM54HC58MM74HC58 Dual AND-OR Gate General Description These gates utilize advanced silicon-gate CMOS technology to achieve operating speeds similar to LS-TTL gates with the low power consumption of standard CMOS integrated circuits All gates have buffered outputs providing high noise immunity and the ability to drive 10 LS-TTL loads The 54HC74HC logic family is functionally as well as pin-out compatible with the standard 54LS74LS logic family All inputs are protected from damage due to static discharge by internal diode clamps to VCC and ground Features Y Typical propagation delay 10 ns Y Wide power supply range 2 – 6V Y Low quiescent supply current 20 mA maximum (74 Series) Y Low input current 1 mA maximum Y High output current 4 mA minimum Connection Diagrams Dual-In-Line Package TLF5302 – 1 Top View Order Number MM54HC51 or MM74HC51 Dual-In-Line Package TLF5302 – 2 Top View Order Number MM54HC58 or MM74HC58 C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Similar Part No. - MM54HC51 |
|
Similar Description - MM54HC51 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |