Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8928ST Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8928ST
Description  Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8928ST Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8928ST Datasheet HTML 2Page - NXP Semiconductors TDA8928ST Datasheet HTML 3Page - NXP Semiconductors TDA8928ST Datasheet HTML 4Page - NXP Semiconductors TDA8928ST Datasheet HTML 5Page - NXP Semiconductors TDA8928ST Datasheet HTML 6Page - NXP Semiconductors TDA8928ST Datasheet HTML 7Page - NXP Semiconductors TDA8928ST Datasheet HTML 8Page - NXP Semiconductors TDA8928ST Datasheet HTML 9Page - NXP Semiconductors TDA8928ST Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2004 May 05
6
Philips Semiconductors
Preliminary specification
Power stage 2 x 10 or 1 x 20 W class-D
audio amplifier
TDA8928J
8
FUNCTIONAL DESCRIPTION
The TDA8928J is a two-channel audio power amplifier
system using class-D technology.
The power stage TDA8928J is used for driving the
loudspeaker load. It performs a level shift from the
low-power digital PWM signal, at logic levels, to a
high-power PWM signal that switches between the main
supply lines. A 2nd-order low-pass filter converts the PWM
signal into an analog audio signal across the loudspeaker.
8.1
Power stage
The power stage contains high-power DMOS switches,
drivers, timing and handshaking between the power
switches and some control logic (see Fig.1).
The following functions are available:
• Switch (pins SW1 and SW2): digital inputs; switching
from VSS to VSS + 12 V and driving the power DMOS
switches
• Release (pins REL1 and REL2): digital outputs;
switching from VSS to VSS + 12 V; follow pin SW1 and
SW2 with a small delay. Note: for self oscillating
applications this pin is not used
• Power-up (pin POWERUP): must be connected to a
continuous supply voltage of at least VSS + 5 V with
respect to VSS
• Enable (pins EN1 and EN2): digital inputs; at a level of
VSS the power DMOS switches are open and the PWM
outputs are floating; at a level of VSS + 12 V the power
stage is operational
• Diagnostics (pin DIAG): digital open-drain output; pulled
down to VSS if the maximum temperature or maximum
current is exceeded.
8.2
Protection
Temperature and short-circuit protection sensors are
included in the TDA8928J. The diagnostic output is pulled
down to VSS in the event that the maximum current or
maximum temperature is exceeded. The system shuts
itself down when pin DIAG is connected to pins EN1 and
EN2.
8.2.1
MAXIMUM TEMPERATURE
Pin DIAG becomes LOW if the junction temperature (Tj)
exceeds 150
°C. Pin DIAG becomes HIGH again if Tj is
dropped to approximately 130
°C, so there is a hysteresis
of approximately 20
°C.
8.2.2
MAXIMUM CURRENT
When the loudspeaker terminals are short-circuited this
will be detected by the current protection. Pin DIAG
becomes LOW if the output current exceeds the maximum
output current of 2 A. Pin DIAG becomes HIGH again if the
output current drops below 2 A. The output current is
limited at the maximum current detection level when pin
DIAG is connected to pins EN1 and EN2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com