Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8928ST Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8928ST
Description  Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8928ST Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8928ST Datasheet HTML 1Page - NXP Semiconductors TDA8928ST Datasheet HTML 2Page - NXP Semiconductors TDA8928ST Datasheet HTML 3Page - NXP Semiconductors TDA8928ST Datasheet HTML 4Page - NXP Semiconductors TDA8928ST Datasheet HTML 5Page - NXP Semiconductors TDA8928ST Datasheet HTML 6Page - NXP Semiconductors TDA8928ST Datasheet HTML 7Page - NXP Semiconductors TDA8928ST Datasheet HTML 8Page - NXP Semiconductors TDA8928ST Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2004 May 05
3
Philips Semiconductors
Preliminary specification
Power stage 2 x 10 or 1 x 20 W class-D
audio amplifier
TDA8928J
1
FEATURES
• High efficiency (> 90 %)
• Supply voltage from ±7.5 V to ±30 V
• Very low quiescent current
• High output power
• Diagnostic output
• Usable as a stereo Single-Ended (SE) amplifier
• Electrostatic discharge protection (pin to pin)
• No heatsink required.
2
APPLICATIONS
• Television sets
• Home-sound sets
• Multimedia systems
• All mains fed audio systems.
3
GENERAL DESCRIPTION
The TDA8928J is a switching power stage for a high
efficiency class-D audio power amplifier system.
With this power stage a compact 2
× 10 W self oscillating
digital amplifier system can be built, operating with high
efficiency and very low dissipation. No heatsink is
required. The system operates over a wide supply voltage
range from
±7.5 V up to ±30 V and consumes a very low
quiescent current.
4
QUICK REFERENCE DATA
5
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
General
VP
supply voltage
±7.5
±12.5
±30
V
Iq(tot)
total quiescent current
no load connected; VP = ±12.5 V
−
25
45
mA
η
efficiency
Po = 10 W; RL =8 Ω; VP = ±12.5 V
−
90
−
%
Stereo single-ended configuration
Po
output power
RL =8 Ω; THD = 10 %; VP = ±12.5 V
9
10
−
W
RL =16 Ω; THD = 10 %; VP = ±12.5 V −
5
−
W
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8928J
DBS17P
plastic DIL-bent-SIL power package; 17 leads (lead length 7.7 mm)
SOT243-3
TDA8928ST
RDBS17P
plastic rectangular DIL-bent-SIL power package; 17 leads (row
spacing 2.54 mm)
SOT577-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com