Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0709136 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0709136
Description  Feed-through terminal block - HDFK 25-VP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0709136 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0709136 Datasheet HTML 1Page - PHOENIX CONTACT 0709136 Datasheet HTML 2Page - PHOENIX CONTACT 0709136 Datasheet HTML 3Page - PHOENIX CONTACT 0709136 Datasheet HTML 4Page - PHOENIX CONTACT 0709136 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/0709136
19.10.2012   Page 3 / 5
Feed-through terminal block - HDFK 25-VP - 0709136
Classifications
eclass
eCl@ss 7.0
27141134
etim
ETIM 2.0
EC001283
ETIM 3.0
EC001283
ETIM 4.0
EC001283
ETIM 5.0
EC001283
unspsc
UNSPSC 6.01
30211811
UNSPSC 7.0901
39121410
UNSPSC 11
39121410
UNSPSC 12.01
39121410
UNSPSC 13.2
39121410
Approvals
Approvals
Approvals
CSA / UL Recognized / KEMA-KEUR / GOST / PRS / CCA / IECEE CB Scheme / GOST
Ex Approvals
Approvals submitted
Approval details
CSA 
 
 
mm²/AWG/kcmil
8-4
Nominal current IN
100 A
Nominal voltage UN
600 V
UL Recognized 
 
B
C
mm²/AWG/kcmil
8-2
8-2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com