Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0709136 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0709136
Description  Feed-through terminal block - HDFK 25-VP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0709136 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0709136 Datasheet HTML 1Page - PHOENIX CONTACT 0709136 Datasheet HTML 2Page - PHOENIX CONTACT 0709136 Datasheet HTML 3Page - PHOENIX CONTACT 0709136 Datasheet HTML 4Page - PHOENIX CONTACT 0709136 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/0709136
19.10.2012   Page 4 / 5
Feed-through terminal block - HDFK 25-VP - 0709136
Approvals
 
B
C
Nominal current IN
115 A
115 A
Nominal voltage UN
600 V
600 V
KEMA-KEUR 
GOST 
PRS 
CCA 
IECEE CB Scheme 
GOST 
Accessories
Accessories
Tools
Screwdriver - SZS 1,0X6,5 VDE - 1205079
Screwdriver, bladed, VDE insulated, size: 1.0 x 6.5 x 150 mm, 2-component grip, with non-slip grip
 
 
Drawings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com