Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74AXCH2T45 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AXCH2T45
Description  SN74AXCH2T45 2-Bit Bus Transceiver with Configurable Level-Shifting and Bus-Hold Inputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AXCH2T45 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AXCH2T45 Datasheet HTML 3Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 4Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 5Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 6Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 7Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 8Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 9Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 10Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
SN74AXCH2T45
www.ti.com
SCES881 – FEBRUARY 2020
Product Folder Links: SN74AXCH2T45
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
Operating free-air temperature (TA)
UNIT
-40°C to 85°C
-40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
IBHHO
Bus-hold
high
overdrive
current (Port
A or Port B)
VI = 0 to VCC
0.75 V
0.75 V
–40
–40
µA
0.84 V
0.84 V
–50
–50
µA
0.95 V
0.95 V
–65
–65
µA
1.3 V
1.3 V
–105
–105
µA
1.6 V
1.6 V
–150
–150
µA
1.95 V
1.95 V
–250
–250
µA
2.7 V
2.7 V
–410
–410
µA
3.6 V
3.6 V
–600
–600
µA
II
Input leakage
current
Control input (DIR):VI =
VCCA or GND
0.65 V- 3.6 V
0.65 V- 3.6 V
–0.5
0.5
–1
1
µA
Data Inputs (Ax, Bx),VI =
VCCI or GND
0.65 V- 3.6 V
0.65 V- 3.6 V
–4
4
–8
8
µA
Ioff
Partial power
down current
A Port: VI or VO = 0 V -
3.6 V
0 V
0 V - 3.6 V
–8
8
–12
12
µA
B Port: VI or VO = 0 V -
3.6 V
0 V - 3.6 V
0 V
–8
8
–12
12
ICCA
VCCA supply
current
VI =
VCCI or
GND
IO = 0
0.65 V- 3.6 V
0.65 V- 3.6 V
8
14
µA
0 V
3.6 V
–2
–12
3.6 V
0 V
4
8
ICCB
VCCB supply
current
VI =
VCCI or
GND
IO = 0
0.65 V- 3.6 V
0.65 V- 3.6 V
8
14
µA
0 V
3.6 V
4
8
3.6 V
0 V
–2
–12
ICCA +
ICCB
Combined
supply
current
VI =
VCCI or
GND
IO = 0
0.65 V- 3.6 V
0.65 V- 3.6 V
16
23
µA
Ci
Control Input
(DIR)
Capacitance
VI = 3.3 V or GND
3.3 V
3.3 V
3.1
3.1
pF
Cio
Data I/O
Capacitance
VO = 1.65V DC +1 MHz
-16 dBm sine wave
3.3 V
3.3 V
7.2
7.2
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com