Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL2S5302FUD Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SL2S5302FUD
Description  ICODE SLIX-S
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S5302FUD Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SL2S5302FUD Datasheet HTML 17Page - NXP Semiconductors SL2S5302FUD Datasheet HTML 18Page - NXP Semiconductors SL2S5302FUD Datasheet HTML 19Page - NXP Semiconductors SL2S5302FUD Datasheet HTML 20Page - NXP Semiconductors SL2S5302FUD Datasheet HTML 21Page - NXP Semiconductors SL2S5302FUD Datasheet HTML 22Page - NXP Semiconductors SL2S5302FUD Datasheet HTML 23Page - NXP Semiconductors SL2S5302FUD Datasheet HTML 24Page - NXP Semiconductors SL2S5302FUD Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
SL2S5302_SL2S5402
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.2 — 27 August 2012
192132
21 of 35
NXP Semiconductors
SL2S5302; SL2S5402
ICODE SLIX-S
with zeros up to the next byte boundary, the corresponding bits of the UID are returned.
The mechanism and timing of the INVENTORY PAGE READ command perform the same
as the INVENTORY command which is described in clause 8 of ISO/IEC 15693-3.
The requested page(s) is (are) transmitted in the following format and repeated as
necessary (depending on number of pages):
Remark: The number of bits of the re-transmitted UID can be calculated as follows:
• 16 slots: 60 bits (bit 64 to bit 5) - mask length rounded up to the next byte boundary
• 1 slot: 64 bits - mask length rounded up to the next byte boundary
Remark: If the sum of first page number and number of pages exceeds the total available
number of user pages, the number of transmitted pages is less than the requested
number of pages, which means that the last returned page is the highest available user
page, followed by the 16-bit CRC and the EOF.
• Example: mask length = 30 bits
• Returned: bit 64 to bit 5 (30 bits) = 30 bits gives 4 bytes
8.4.3.12
FAST INVENTORY PAGE READ
Command code = B1h
When receiving the FAST INVENTORY PAGE READ command the ICODE SLIX-S IC
behaves the same as the INVENTORY PAGE READ command with the following
exceptions:
The data rate in the direction ICODE SLIX-S IC to the interrogator is twice that defined in
ISO/IEC 15693-3, depending on the Datarate_flag 53 kbit (high data rate) or 13 kbit (low
data rate).
The data rate from the interrogator to the ICODE SLIX-S IC and the time between the
rising edge of the EOF from the interrogator to the ICODE SLIX-S IC remain unchanged
(stay the same as defined in ISO/IEC 15693-3).
In the ICODE SLIX-S IC to the interrogator direction, only the single subcarrier mode is
supported.
Table 45.
Page protection status byte
Page Protection Status Byte
Page data
00h:
page is public (not protected with Read password) or the
valid Read password has been transmitted before
16 byte page data content
0Fh:
page is protected with the Read password and the valid
Read password has not been transmitted before
no data
Table 46.
Example: mask length = 30
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
UID
mask value including padding with
zeros
-
transmitted by
interrogator
returned value
transmitted by
ICODE SLIX-S IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com