Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL2S5302FUD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SL2S5302FUD
Description  ICODE SLIX-S
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S5302FUD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SL2S5302FUD Datasheet HTML 9Page - NXP Semiconductors SL2S5302FUD Datasheet HTML 10Page - NXP Semiconductors SL2S5302FUD Datasheet HTML 11Page - NXP Semiconductors SL2S5302FUD Datasheet HTML 12Page - NXP Semiconductors SL2S5302FUD Datasheet HTML 13Page - NXP Semiconductors SL2S5302FUD Datasheet HTML 14Page - NXP Semiconductors SL2S5302FUD Datasheet HTML 15Page - NXP Semiconductors SL2S5302FUD Datasheet HTML 16Page - NXP Semiconductors SL2S5302FUD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
SL2S5302_SL2S5402
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.2 — 27 August 2012
192132
13 of 35
NXP Semiconductors
SL2S5302; SL2S5402
ICODE SLIX-S
The XOR password has to be calculated with the password and two times the received
random number from the last GET RANDOM NUMBER command:
XOR_Password[31:0] = Password[31:0] XOR {Random_Number[15:0],
Random_Number[15:0]}.
The different passwords are addressed with the password identifier.
Remark: If the IC receives an invalid password, it will not execute any following command
until a Power-On Reset (POR) (RF reset) is executed.
8.4.3.3
WRITE PASSWORD
Command code = B4h
The WRITE PASSWORD command enables a new password to be written into the related
memory if the related old password has already been transmitted with a SET PASSWORD
command and the addressed password is not locked (see Section 8.4.3.4 “LOCK
PASSWORD”).
Remark: The WRITE PASSWORD command can only be executed in addressed or
selected mode. The new password takes effect immediately which means that the new
password has to be transmitted with the SET PASSWORD command to access protected
blocks/pages.
The different passwords are addressed with the password identifier.
The timing of the command is write alike.
Option 0 (Option flag not set) is supported.
Table 9.
Request format
SOF
Flags
SET
PASSWORD
IC Mfg
code
UID
Password
identifier
XOR
password
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits
optional
8 bits
32 bits
16 bits
-
Table 10.
Password Identifier
Password identifier
Password
01h
Read
02h
Write
04h
Privacy
08h
Destroy SLIX-S
10h
EAS/AFI
Table 11.
Response format when Error_flag set
SOF
Flags
Error code
CRC16
EOF
-
8 bits
8 bits
16 bits
-
Table 12.
Response format when Error_flag NOT set
SOF
Flags
CRC16
EOF
-
8 bits
16 bits
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com