Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83261AVF Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 43Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 44Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 45Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 46Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 47Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 48Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 49Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 50Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 132 page
background image
60 Control Information (Continued)
Exception Status Register (ESR)
The Exception Status Register (ESR) reports errors to the software Errors include PHY Interface Parity errors illegal attempts
to access currently inaccessible registers and writing to a conditional write location if a register bit has changed since it was last
read Each bit may be masked via the Exception Mask Register (EMR)
ACCESS RULES
Address
Read
Write
2Ch
Always
Condition
REGISTER BITS
D7
D6
D5
D4
D3
D2
D1
D0
CWI
CCE
CPE
RES
RES
RES
RES
PPE
Bit
Symbol
Description
D0
PPE
PHY Interface Parity Error
Indicates parity error detected on PID7 – 0 Parity errors are reported when
parity is enabled on the PHY
Request Interface (bit PIP of the Mode Register is set)
D1 – 4
RES
Reserved
D5
CPE
Control Bus Parity Error
Indicates a Control Bus Parity Error was detected on the Control Bus Data pins
(CBD7 – 0) during a write operation to a register Parity errors are reported if parity is enabled on the Control
Bus Interface (bit CBP of the Mode Register is set)
D6
CCE
Control Bus Command Error
Indicates that a Control Bus command was not performed due to an error
ie illegal command or a Control Bus Write Parity error An illegal command is an attempt to access a
currently inaccessible register
D7
CWI
Conditional Write Inhibit
Indicates that at least one bit of the previous conditional write operation was not
written This bit is set unconditionally after each write to a conditional write register if the value of the
Compare Register is not equal to the value of the register that was accessed for a write before it was
written This may indicate that the accessed register has changed since it was last read
This bit is cleared after a successful conditional write This occurs when the value of the Compare Register
is equal to the value of the register that was accessed for a write before it was written
CWI does not contribute to setting the ESE bit of the Interrupt Condition Register (it is always implicitly
masked)
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com