Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83261AVF Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 87Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 88Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 89Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 90Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 91Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 92Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 93Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 94Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 95Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 132 page
background image
70 Signal Descriptions (Continued)
74 MAC REQUEST INTERFACE
The MAC Request Interface is used to gain access to the ring and to transmit data into the ring After a Request is submitted to
the interface the Ring Engine awaits for an appropriate Service Opportunity in which to service the Request Frames associated
with the Request are transmitted during an appropriate Service Opportunity Sections 52 and 53 provide important information
related to the functional operation of the interface
In the following sections an overview (Section 741) and detailed signal description (Section 742) are provided The detailed
description includes a signal by signal description followed by a state diagram that details the operation of the handshaking
signals Finally several example timing scenarios are shown (Section 743)
741 Overview
The MAC Request Interface signals provide the Request and Frame level handshakes required to transmit frames
The MAC Request Interface is divided into one group of data signals and four groups of control signals
The data signals consist of the 8 bits of MAC Request data with optional parity
The control signals consist of
 Handshake signals that implement a Request level and Frame level handshake The state machines that specify the
interface handshake are provided and described in detail in Section 743
 Service Parameters that convey the requested type of Service Opportunity
 Frame Options that convey the special transmission options These are especially useful for MAC level bridging applica-
tions
 Transmission Status that report the success andor failure of the transmission
742 Signals
Request Data
The MRD7 – 0 signals change on the rising edge of the Local Byte Clock signal (provided by the Clock Distribution Device)
Symbol
Pin
IO
Description
MRP
41
I
MAC Request Parity
Odd parity on MRD7 – 0
MRD7–0
42–49
I
MAC Request Data
Data byte conveyed for transmission while the Transmit Acknowledge (TXACK)
signal is asserted
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com