| Electronic Components Datasheet Search |
|
RM0016 Datasheet(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0016 Datasheet(HTML) 50 Page - STMicroelectronics |
|
50 / 467 page ![]() Flash program memory and data EEPROM RM0016 50/467 DocID14587 Rev 14 Refer to the STM8S and STM8AF Flash programming manual (PM0051) and STM8 SWIM protocol and debug manual (UM0470) for more information on programming procedures. Table 6. Memory access versus programming method(1) Mode ROP Memory Area Access from core User, IAP, and bootloader (if available) Readout protection enabled User boot code area (UBC) R/E Main program R/W/E(2) Data EEPROM area (DATA) R/W(3) Option bytes R Readout protection disabled User boot code area (UBC) R/E(4) Main program R/W/E(2) Data EEPROM area (DATA) R/W(3) Option bytes R/W(5) SWIM active (ICP mode) Readout protection enabled User boot code area (UBC) P Main program P Data EEPROM area (DATA) P Option bytes P/WROP(6) Readout protection disabled User boot code area (UBC) R/E(4) Main program R/W/E(2) Data EEPROM area (DATA) R/W(3) Option bytes R/W(5) 1. R/W/E = Read, write, and execute R/E = Read and execute (write operation forbidden) R = Read (write and execute operations forbidden) P = The area cannot be accessed (read, execute and write operations forbidden) P/WROP = Protected, write forbidden except for ROP option byte. 2. The Flash program memory is write protected (locked) until the correct MASS key is written in the FLASH_PUKR. It is possible to lock the memory again by resetting the PUL bit in the FLASH_IAPSR register. If incorrect keys are provided, the device must be reset and new keys programmed. 3. The data memory is write protected (locked) until the correct MASS key is written in the FLASH_DUKR. It is possible to lock the memory again by resetting the DUL bit in the IAPSR register. If incorrect keys are provided, another key program sequence can be performed without resetting the device. 4. To program the UBC area, the application must first clear the UBC option byte. 5. The option bytes are write protected (locked) until the correct MASS key is written in the FLASH_DUKR (with OPT set to 1). It is possible to lock the memory again by resetting the DUL bit in the FLASH_IAPSR register. If incorrect keys are provided, another key program sequence can be performed without resetting the device. 6. When ROP is removed, the whole memory is erased, including the option bytes. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |