Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST8500TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST8500TR
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST8500TR Datasheet HTML 7Page - STMicroelectronics ST8500TR Datasheet HTML 8Page - STMicroelectronics ST8500TR Datasheet HTML 9Page - STMicroelectronics ST8500TR Datasheet HTML 10Page - STMicroelectronics ST8500TR Datasheet HTML 11Page - STMicroelectronics ST8500TR Datasheet HTML 12Page - STMicroelectronics ST8500TR Datasheet HTML 13Page - STMicroelectronics ST8500TR Datasheet HTML 14Page - STMicroelectronics ST8500TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
DocID031029 Rev 3
11/37
ST8500
Device architecture
37
2.2.6
General-purpose input/outputs (GPIOs)
The ST8500 device has 3 GPIOs ports named GPIO00, GPIO01 and GPIO03. Each port
can control 8 pins. Each GPIO pin can be individually configured by software as output
(push-pull or open drain, with or without pull-up or pull-down), as input (floating, with or
without pull-up or pull-down) or as peripheral alternate functions (with or without pull-up or
pull-down).
The GPIO03 port exports system defined functionalities such as boot mode selection and
JTAG that the running code can overwrite after the bootloader has left the control to it. The
final system design must take care of this special configuration.
External interrupt
Each GPIOs port can generate interrupts depending on a level (low and high), or a
transactional value of the pin (rising or falling edge). For each port, one interrupt line is
dedicated. The pins of one port share the same interrupt line.
2.2.7
General-purpose timer (GPT)
There are 4 general-purpose timers (GPT0 to GPT3) embedded in the ST8500.
GPTs have a 32-bit auto-reload up/downcounter and a 32-bit pre-scaler. The counters can
be frozen in debug mode.
The GPT0 timer is also connected to the zero crossing comparator so it is able to record the
timestamp of the ZC event.
2.2.8
Window Watchdog (WWDG)
The window watchdog is based on a 7-bit downcounter that can be set as free running. It
can be used as a watchdog to reset the device when a problem occurs. It is clocked from
the main clock. It has an early warning interrupt capability and the counter can be frozen in
debug mode.
2.2.9
SysTick timer
The Cortex™-M4F has a 24-bit system timer, SysTick, which counts down from the
programmable reload value to zero. It supports the auto-reload and can generate a
maskable system interrupt when the counter reaches zero.
2.2.10
Universal synchronous/asynchronous receiver transmitters (USART)
The ST8500 device has two embedded universal synchronous/asynchronous receiver
transmitters (USART0 to USART1) and one embedded universal asynchronous receiver
transmitter (USART2).
These interfaces provide asynchronous communication, IrDA SIR ENDEC support,
multiprocessor communication mode, single-wire half-duplex communication mode; they
have the LIN Master/Slave capability, Smart card mode (ISO 7816 compliant) and SPI-like
communication capability.
They provide hardware management of the CTS and RTS signals and the RS485 driver
enable. The maximum communication speed is up to 1 Mbit/s.
All USARTs have a clock domain (ICLK) independent from the Cortex™ clock (PCLK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com