Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFA1112/883 Datasheet(PDF) 13 Page - Intersil Corporation

Part # HFA1112/883
Description  Ultra High Speed Programmable Gain Buffer Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1112/883 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HFA1112/883 Datasheet HTML 9Page - Intersil Corporation HFA1112/883 Datasheet HTML 10Page - Intersil Corporation HFA1112/883 Datasheet HTML 11Page - Intersil Corporation HFA1112/883 Datasheet HTML 12Page - Intersil Corporation HFA1112/883 Datasheet HTML 13Page - Intersil Corporation HFA1112/883 Datasheet HTML 14Page - Intersil Corporation HFA1112/883 Datasheet HTML 15Page - Intersil Corporation HFA1112/883 Datasheet HTML 16Page - Intersil Corporation HFA1112/883 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Intersil Semiconductor and is for use as
application and design information only. No guarantee is implied.
196
HFA1112
2nd HARMONIC DISTORTION vs POUT
3rd HARMONIC DISTORTION vs POUT
2nd HARMONIC DISTORTION vs POUT
3rd HARMONIC DISTORTION vs POUT
INTEGRAL LINEARITY ERROR
OVERSHOOT vs INPUT RISE TIME
Typical Performance Curves V
SUPPLY = ±5V, RL = 100Ω, TA = +25
oC, Unless Otherwise Specified (Continued)
-20
-30
-6
-3
0
3
6
9
12
15
OUTPUT POWER (dBm)
-40
-50
-60
-70
-80
-90
-100
AV = +1
100MHz
50MHz
30MHz
AV = +1
100MHz
50MHz
30MHz
-20
-30
-6
-3
0
3
6
9
12
15
OUTPUT POWER (dBm)
-40
-50
-60
-70
-80
-90
-100
-20
-30
-6
-3
0
3
6
9
12
15
OUTPUT POWER (dBm)
-40
-50
-60
-70
-80
-90
-100
100MHz
50MHz
30MHz
AV = -1
-20
-30
-6
-3
0
3
6
9
12
15
OUTPUT POWER (dBm)
-40
-50
-60
-70
-80
-90
-100
100MHz
50MHz
30MHz
AV = -1
-3.0
INPUT VOLTAGE (V)
-2.0
-1.0
0
+1.0
+2.0
+3.0
-0.04
-0.02
0
+0.02
+0.04
100
300
500
700
900
1100
1300
INPUT RISE TIME (ps)
60
50
40
30
20
10
0
VOUT = 0.5V
AV = +1
AV = -1
AV = +2
Spec Number
511084-883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com