Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFA1112/883 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HFA1112/883
Description  Ultra High Speed Programmable Gain Buffer Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1112/883 Datasheet(HTML) 2 Page - Intersil Corporation

  HFA1112/883 Datasheet HTML 1Page - Intersil Corporation HFA1112/883 Datasheet HTML 2Page - Intersil Corporation HFA1112/883 Datasheet HTML 3Page - Intersil Corporation HFA1112/883 Datasheet HTML 4Page - Intersil Corporation HFA1112/883 Datasheet HTML 5Page - Intersil Corporation HFA1112/883 Datasheet HTML 6Page - Intersil Corporation HFA1112/883 Datasheet HTML 7Page - Intersil Corporation HFA1112/883 Datasheet HTML 8Page - Intersil Corporation HFA1112/883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
185
Specifications HFA1112/883
Operating Conditions
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Output Current (50% Duty Cycle)
. . . . . . . . . . . . . . . . . . . . . . . .±55mA
Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Storage Temperature Range . . . . . . . . . . . . . . -65
oC
≤ T
A ≤ +150
oC
Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance
θ
JA
θ
JC
CerDIP Package . . . . . . . . . . . . . . . . .
115oC/W
30oC/W
Maximum Package Power Dissipation at +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.87W
Package Power Dissipation Derating Factor above +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.7mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Supply Voltage (
±V
S) . . . . . . . . . . . . . . . . . . . . . . . . . . . ±5V
Operating Temperature Range. . . . . . . . . . . . .-55oC
≤ T
A ≤ +125
oC
RL Š≥ 50Ω
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at VSUPPLY = ±5V, RSOURCE = 0Ω, RL = 100Ω, VOUT = 0V, Unless Otherwise Specified.
D.C. PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Output Offset Voltage
VOS
VCM = 0V
1
+25oC-25
25
mV
2, 3
+125
oC, -55oC-40
40
mV
Power Supply
Rejection Ratio
PSRRP
∆V
SUP = ±1.25V
V+ = 6.25V, V- = -5V
V+ = 3.75V, V- = -5V
1+25oC39
-
dB
2, 3
+125oC, -55oC35
-
dB
PSRRN
∆V
SUP = ±1.25V
V+ = 5V, V- = -6.25V
V+ = 5V, V- = -3.75V
1+25
oC39
-
dB
2, 3
+125oC, -55oC35
-
dB
Non-Inverting Input
(+IN) Current
IBSP
VCM = 0V
1
+25oC-40
40
µA
2, 3
+125
oC, -55oC-65
65
µA
+IN Common
Mode Rejection
CMSIBP
∆V
CM = ±2V
V+ = 3V, V- = -7V
V+ = 7V, V- = -3V
1+25oC-
40
µA/V
2, 3
+125oC, -55oC-
50
µA/V
+IN Resistance
+RIN
Note 1
1
+25
oC25
-
k
Ω
2, 3
+125oC, -55oC20
-
k
Ω
Gain
(VOUT = 2VP-P)
AVP1
AV = +1
VIN = -1V to +1V
1+25oC
0.980
1.020
V/V
2, 3
+125
oC, -55oC
0.975
1.025
V/V
Gain
(VOUT = 2VP-P)
AVM1
AV = -1
VIN = -1V to +1V
1+25oC
0.980
1.020
V/V
2, 3
+125oC, -55oC
0.975
1.025
V/V
Gain
(VOUT = 4VP-P)
AVP2
AV = +2
VIN = -1V to +1V
1+25
oC
1.960
2.040
V/V
2, 3
+125oC, -55oC
1.950
2.050
V/V
Output Voltage
Swing
VOP100
AV = -1
RL = 100Ω
VIN = -3.2V
1
+25oC3
-
V
VIN = -2.7V
2, 3
+125
oC, -55oC2.5
-
V
VON100
AV = -1
RL = 100Ω
VIN = +3.2V
1
+25oC-
-3
V
VIN = +2.7V
2, 3
+125oC, -55oC-
-2.5
V
Output Voltage
Swing
VOP50
AV = -1
RL = 50Ω
VIN = -2.7V
1, 2
+25
oC, +125oC2.5
-
V
VIN = -2.25V
3
-55oC1.5
-
V
VON50
AV = -1
RL = 50Ω
VIN = +2.7V
1, 2
+25oC, +125oC-
-2.5
V
VIN = +2.25V
3
-55
oC-
-1.5
V
Spec Number
511084-883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com