Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM3J36FS Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part # SSM3J36FS
Description  P-Channel 20 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SSM3J36FS Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  SSM3J36FS Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Safe Operating Area, Junction-to-Ambient
Power Derating, Junction-to-Ambient
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
10
0.1
1
10
100
V
DS
-Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
100 ms
Limited by R
DS(on)*
1 ms
T
A = 25 °C
Single Pulse
10 ms
100 μs
1 s
10 s, DC
BVDSS Limited
0
0.05
0.10
0.15
0.20
0.25
0
255075
100
125
150
T
A - Ambient Temperature (°C)
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
Square Wave Pulse Duration (s)
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
SSM3J36FS
5
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com