Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM3J36FS Datasheet(PDF) 6 Page - VBsemi Electronics Co.,Ltd

Part # SSM3J36FS
Description  P-Channel 20 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SSM3J36FS Datasheet(HTML) 6 Page - VBsemi Electronics Co.,Ltd

  SSM3J36FS Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SC-75: 3 Leads
DWG: 5868
Notes
Dimensions in millimeters will govern.
1.Dimension D does not include mold flash, protrusions or gate
burrs. Mold flash protrusions or gate burrs shall not exceed
0.10 mm per end. Dimension E1 does not include Interlead flash
or protrusion. Interlead flash or protrusion shall not exceed
0.10 mm per side.
2.Dimensions D and E1 are determined at the outmost extremes of
the plastic body exclusive of mold flash, tie bar burrs, gate burrs
and interlead flash, but including any mismatch between the top
and bottom of the plastic body.
3.Datums A, B and D to be determined 0.10 mm from the lead tip.
4.Terminal positions are shown for reference only.
5.These dimensions apply to the flat section of the lead between
0.08 mm and 0.15 mm from the lead tip.
C
M
B
A –
2X
1
2
3
1
2
C
4
3
D
3
D
bbb
D
e2
B1(b1)
3
e1
2XB1
E1
2X
e3
2
E
E/2
4X
D
Seating Plane
Base Metal
With Tin Planting
Section B-B
5
B1
b1
c1
L2
2X
1
ddd
C
C
1
1
DIMENSIONS
TOLERANCES
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.10
DIM.
MILLIMETERS
NOTE
MIN.
NOM.
MAX.
A-
-
0.80
A1
0.00
-
0.10
A2
0.65
0.70
0.80
B1
0.19
-
0.24
5
b1
0.17
-
0.21
c0.13
-
0.15
5
c1
0.10
-
0.12
5
D
1.48
1.575
1.68
1, 2
E
1.50
1.60
1.70
E1
0.66
0.76
0.86
1, 2
e1
0.50 BSC
e2
1.00 BSC
e3
0.50 BSC
L
0.15
0.205
0.30
L1
0.40 ref.
L2
0.15 BSC
q0°
-
8°
q1
4°
-
10°
SSM3J36FS
6
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com