Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLM393LVDR Datasheet(PDF) 14 Page - Texas Instruments

Part # PLM393LVDR
Description  LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage Automotive Comparators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLM393LVDR Datasheet(HTML) 14 Page - Texas Instruments

Back Button PLM393LVDR Datasheet HTML 10Page - Texas Instruments PLM393LVDR Datasheet HTML 11Page - Texas Instruments PLM393LVDR Datasheet HTML 12Page - Texas Instruments PLM393LVDR Datasheet HTML 13Page - Texas Instruments PLM393LVDR Datasheet HTML 14Page - Texas Instruments PLM393LVDR Datasheet HTML 15Page - Texas Instruments PLM393LVDR Datasheet HTML 16Page - Texas Instruments PLM393LVDR Datasheet HTML 17Page - Texas Instruments PLM393LVDR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
+VCC
+5 V
VREF 2.5 V
R2
1 0Ÿ
+
±
R1
330 NŸ
VO
VA
RPU
5 V
0 V
VIN2
VIN1
VO
1.675 V
3.325 V
VIN
VIN
D
-
V = V
V
A
A1
A2
V
= V
A2
CC
´
R2 || R3
R1 + (R2 || R3)
V
= V
A1
CC
´
R2
(R1 || R3) + R2
R1
R2
VA1
R3*
VO High
+VCC
* R3 = R3 + RPU
R2
VA2
R3
VO Low
+VCC
R1
14
LM393LV-Q1
SNOSDB3 – JUNE 2020
www.ti.com
Product Folder Links: LM393LV-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Figure 5. Inverting Configuration Resistor Equivalent Networks
When VIN is less than VA, the output voltage is high (for simplicity, assume VO switches as high as VCC). The
three network resistors can be represented as R1 || R3 in series with R2, as shown in Figure 5.
Equation 1 below defines the high-to-low trip voltage (VA1).
(1)
When VIN is greater than VA, the output voltage is low. In this case, the three network resistors can be presented
as R2 || R3 in series with R1, as shown in Equation 2.
Use Equation 2 to define the low to high trip voltage (VA2).
(2)
Equation 3 defines the total hysteresis provided by the network.
(3)
10.1.2.2 Non-Inverting Comparator With Hysteresis
A noninverting comparator with hysteresis requires a two-resistor network and a voltage reference (VREF) at the
inverting input, as shown in Figure 6,
Figure 6. Non-Inverting Configuration With Hysteresis
The equivalent resistor networks when the output is high and low are shown in Figure 7 Note that RPU should be
considered in series with R2 when the output is high. RPU should be at least 10x less than R2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com