Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128J3A-150 Datasheet(PDF) 27 Page - Intel Corporation

Part # JS28F128J3A-150
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F128J3A-150 Datasheet(HTML) 27 Page - Intel Corporation

Back Button JS28F128J3A-150 Datasheet HTML 23Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 24Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 25Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 26Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 27Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 28Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 29Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 30Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
27
7.3
Block Erase, Program, and Lock-Bit Configuration
Performance
Table 10. Configuration Performance
#
Sym
Parameter
Typ
Max
(8)
Unit
Notes
W16
Write Buffer Byte Program Time
(Time to Program 32 bytes/16 words)
218
654
µs
1,2,3,4,5,6,7
W16
tWHQV3
tEHQV3
Byte Program Time (Using Word/Byte Program Command)
210
630
µs
1,2,3,4
Block Program Time (Using Write to Buffer Command)
0.8
2.4
sec
1,2,3,4
W16
tWHQV4
tEHQV4
Block Erase Time
1.0
5.0
sec
1,2,3,4
W16
tWHQV5
tEHQV5
Set Lock-Bit Time
64
75/85
µs
1,2,3,4,9
W16
tWHQV6
tEHQV6
Clear Block Lock-Bits Time
0.5
0.70/1.4
sec
1,2,3,4,10
W16
tWHRH1
tEHRH1
Program Suspend Latency Time to Read
25
75/90
µs
1,2,3,9
W16
tWHRH
tEHRH
Erase Suspend Latency Time to Read
26
35/40
µs
1,2,3,9
NOTES:
1. Typical values measured at TA = +25 °C and nominal voltages. Assumes corresponding lock-bits are
not set. Subject to change based on device characterization.
2. These performance numbers are valid for all speed versions.
3. Sampled but not 100% tested.
4. Excludes system-level overhead.
5. These values are valid when the buffer is full, and the start address is aligned on a 32-byte boundary.
6. Effective per-byte program time (tWHQV1, tEHQV1) is 6.8 µs/byte (typical).
7. Effective per-word program time (tWHQV2, tEHQV2) is 13.6 µs/word (typical).
8. Max values are measured at worst case temperature and VCC corner after 100k cycles (except as
noted).
9. Max values are expressed at -25 °C/-40 °C.
10.Max values are expressed at 25 °C/-40 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com