Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128J3A-150 Datasheet(PDF) 60 Page - Intel Corporation

Part # JS28F128J3A-150
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F128J3A-150 Datasheet(HTML) 60 Page - Intel Corporation

Back Button JS28F128J3A-150 Datasheet HTML 56Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 57Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 58Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 59Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 60Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 61Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 62Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 63Page - Intel Corporation JS28F128J3A-150 Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
256-Mbit J3 (x8/x16)
60
Datasheet
0606_07A
Figure 19. Status Register Flowchart
Start
SR7 = '1'
SR2 = '1'
SR4 = '1'
SR3 = '1'
SR1 = '1'
Yes
Yes
Yes
No
No
No
No
SR6 = '1'
Yes
No
SR5 = '1'
No
No
Error
Command Sequence
Yes
Yes
Yes
Error
Erase Failure
Error
Program Failure
- Set by WSM
- Reset by user
- See Clear Status
Register
Command
- Set/Reset
by WSM
SR4 = '1'
Yes
No
End
Command Cycle
- Issue Status Register Command
- Address = any dev ice address
- Data = 0x70
Erase Suspend
See Suspend/Resume Flowchart
Program Suspend
See Suspend/Resume Flowchart
Error
V
PEN < VPENLK
Error
Block Locked
Data Cycle
- Read Status Register SR[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com