Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P153EP Datasheet(PDF) 29 Page - ELAN Microelectronics Corp

Part # EM78P153EP
Description  EM78P153E is an 8-bit microprocessor with low-power and high-speed CMOS technology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P153EP Datasheet(HTML) 29 Page - ELAN Microelectronics Corp

Back Button EM78P153EP Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P153EP Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P153EP Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P153EP Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P153EP Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P153EP Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P153EP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P153EP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P153EP Datasheet HTML 33Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
EM78P153E
OTP ROM
This specification is subject to change without prior notice.
2002/03/01
29
<Note>: RC mode set-up time always 135ns.
• Bit 4 (Type): Reserved.
The bit4 set to “0” all the time.
• Bit 3 (RCOUT): A selecting bit of High or Low frequency for internal RC Oscillator.
RCOUT
Pin Function
0
P64
1
OSCO
• Bit 2, Bit 1, and Bit 0 ( CAL2, CAL1, CAL 0 ): Calibrator of internal RC mode Bit 3
Table 13 Calibration Selection for Internal RC Mode
C2
C1
C0
*Cycle Time (ns)
*Frequency (MHz)
1
0
1
200.4
4.99
1
0
0
211.9
4.72
0
0
1
223.7
4.47
0
0
0
236.4
4.23
1
1
1
250.0
4.00
1
1
0
264.6
3.78
0
1
1
279.3
3.58
0
1
0
295.0
3.39
*: 1. Theoretical values, an instance of the high frequency mode, are shown for reference only, It
depend on process.
2. Similar way of calculation is also applicable for low frequency mode.
3. Code Option Register (Word 1)
WORD1
Bit1
Bit0
1
0
RCM1
RCM0
Bit 1, and Bit 0 ( RCM1, RCM0): RC mode selection bits
RCM 1
RCM 0
*Frequency(MHz)
1
1
4
0
1
1
0
0
455kHz
4. Customer ID Register (Word 2)
Bit 12~Bit 0
XXXXXXXXXXXXX
Bit 12~ 0 : Customer’s ID code
4.9 Power On Considerations
Any microcontroller is not guaranteed to start to operate properly before the power supply stays at its
steady state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com