Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P153EP Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P153EP
Description  EM78P153E is an 8-bit microprocessor with low-power and high-speed CMOS technology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P153EP Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P153EP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P153EP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P153EP Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P153EP Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P153EP Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P153EP Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P153EP Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P153EP Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P153EP Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
EM78P153E
OTP ROM
This specification is subject to change without prior notice.
2002/03/01
13
1: enable TCIF interrupt
• Bit 1 (ICIE) ICIF interrupt enable bit.
0: disable ICIF interrupt
1: enable ICIF interrupt
• Bit 2 (EXIE) EXIF interrupt enable bit.
0: disable EXIF interrupt
1: enable EXIF interrupt
• Bits 3~7 Not used.
• Individual interrupt is enabled by setting its associated control bit in the IOCF to "1".
• Global interrupt is enabled by the ENI instruction and is disabled by the DISI instruction. Refer to Fig.
9.
• IOCF register is both readable and writable.
4.3 TCC/WDT & Prescaler
There is an 8-bit counter available as prescaler for the TCC or WDT. The prescaler is available for either
the TCC or WDT only at any given time, and the PAB bit of the CONT register is used to determine the
prescaler assignment. The PSR0~PSR2 bits determine the ratio. The prescaler is cleared each time the
instruction is written to TCC under TCC mode. The WDT and prescaler, when assigned to WDT mode,
are cleared by the “WDTC” or “SLEP” instructions. Fig. 5 depicts the circuit diagram of TCC/WDT.
• R1(TCC) is an 8-bit timer/counter. The clock source of TCC can be internal or external clock input
(edge selectable from TCC pin). If TCC signal source is from internal clock, TCC will increase by 1 at
every instruction cycle (without prescaler). Referring to Fig. 5, CLK=Fosc/2 or CLK=Fosc/4, depends
on the CODE Option bit CLK. CLK=Fosc/2 is used if CLK bit is "0", and CLK=Fosc/4 is used if CLK bit
is "1". If TCC signal source is from external clock input, TCC is increased by 1 at every falling edge or
rising edge of TCC pin.
• The watchdog timer is a free running on-chip RC oscillator. The WDT will keep running even when the
oscillator driver has been turned off (i.e. in sleep mode). During normal operation or sleep mode, a
WDT time-out (if enabled) will cause the device to reset. The WDT can be enabled or disabled any
time during normal mode by software programming. Refer to WDTE bit of IOCE register. Without
prescaler, the WDT time-out period is approximately 18 ms
1 (default).
1 <Note>: Vdd = 5V, set up time period = 16.5ms ± 5%
Vdd = 3V, set up time period = 18ms ± 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com