Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP178CLF Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178CLF Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button IP178CLF Datasheet HTML 19Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 20Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 21Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 22Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 23Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 24Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 25Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 26Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
IP178C
Preliminary Data Sheet
23/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
Pin description (continued)
Pin no.
Label
Type
Description
MII interface/ PHY mode
(Pin 53 EXTMII_EN =1, pin104 MII_MAC=0 and Pin72 RMII_MII =0)
101
MIICLK
IPL2/
O
MII transmit & receive clock
It is an output signal when MII works at PHY mode. It should be
connected to MII TXCLK & RXCLK of an external MAC device.
87,86,85
,81
TXD0~TXD3
IPL1
IPL1
IPL1
IPH2
MII transmit data
They are input signals when MII works at PHY mode. They are
sampled at the rising edge of MIICLK. They should be
connected to MII TXD of an external MAC device.
80
TXEN
IPH2
MII transmit enable
It is an input signal when MII works at PHY mode. It is used to
frame TXD [3:0]. It is sampled at the rising edge of MIICLK. It
should be connected to MII TXEN of an external MAC device.
75
RXDV
IPH1/
O
MII receive data valid
It is an output signal when MII works at PHY mode. It is used to
frame RXD [3:0]. It is sent out at the falling edge of MIICLK. It
should be connected to MII RXDV of an external MAC device.
79, 78,
77, 76
RXD0~RXD4
IPL1/
O,
IPL1/
O,
IPL1/
O,
IPH1/
O
MII receive data
They are output signals when MII works at PHY mode. They are
sent out at the falling edge of MIICLK. They should be
connected to MII RXD of an external MAC device.
56
NC
IPH2
This pin should be left open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com