Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP178CLF Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178CLF Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button IP178CLF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 36Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 37Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
IP178C
Preliminary Data Sheet
34/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
2.5
Tag VLAN/ Tag and un-tag function
Tag and un-tag function
IP178C inserts or removes a tag of a frame if tagging/ un-tagging function is enabled. The operation is
illustrated as follows. The tag information is defined in MII register 30.3~30.11 and EEPROM register
6~22.
The operation of a port which forwards the packet
Frame type of the
received packet
Forward to a untagged filed
Forward to a tagged field
Untagged
Forward
the
packet
without
modification
Insert a tag using the default VLAN tag
value of the source port
Calculate new CRC
The default VLAN tag value is defined in
the MII register 30.3~30.11.
Priority-tagged
(VLAN ID=0)
Strip tag
Calculate new CRC
Keep priority field.
Replace the tag with the default VLAN tag
value of the source port
Calculate new CRC
The default VLAN tag value is defined in
the MII register 30.3~30.11.
VLAN-tagged
Strip tag
Calculate new CRC
Forward the packet without modification
2.6
Tag VLAN
If tag VLAN function is enabled (MII register 30.13[3] TAG_VLAN_EN is logic high), IP178C forwards a
packet according to MAC address table and one of the sixteen VLAN output port masks, defined in MII
register 30.14~30.29. One of the sixteen VLAN output mask is selected by VID index, which is four bits
selected from VID field in a tag. VID index is defined in MII register 30.13[2:0] VID_SEL. For example,
VLAN output port mask 1 is selected if VID index selected by VID_SEL is equal to 1.
IP178C handles an un-tagged packet using the default VLAN tag value of its source port. A packet with
VID equal to 12’b0 will be handled as un-tag frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com