Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX8DXIEC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # IMX8DXIEC
Description  i.MX 8DualX Industrial Applications Processors
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8DXIEC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button IMX8DXIEC Datasheet HTML 9Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 10Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 11Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 12Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 13Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 14Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 15Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 16Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 127 page
background image
Modules List
i.MX 8DualX Industrial Applications Processors, Rev. 0, 05/2020
NXP Semiconductors
13
SNVS
Secure Non-Volatile
Storage
Secure Non-Volatile Storage, including Secure Real Time Clock, Security State
Machine, Master Key Control, and Violation/Tamper Detection and reporting.
SPDIF
Sony Philips Digital
Interconnect Format
The Sony/Philips Digital Interface (SPDIF) audio block is a stereo transceiver that
allows the processor to receive and transmit digital audio. The SPDIF transceiver
allows the handling of both SPDIF channel status (CS) and User (U) data and
includes a frequency measurement block that allows the precise measurement of
an incoming sampling frequency.
TEMPMON
Temperature Monitor
The temperature monitor/sensor IP module for detecting high temperature
conditions. The temperature read out does not reflect case or ambient temperature.
It reflects the temperature in proximity of the sensor location on the die.
Temperature distribution may not be uniformly distributed; therefore, the read-out
value may not be the reflection of the temperature value for the entire die.
UART
UART Interface
• High-speed TIA/EIA-232-F compatible, up to 5.0 Mbps
• Serial IR interface low-speed, IrDA-compatible (up to 115.2 Kbit/s)
• 9-bit or Multidrop mode (RS-485) support (automatic slave address detection)
• 7, 8, 9, or 10-bit data characters (7-bits only with parity)
• 1 or 2 stop bits
• Programmable parity (even, odd, and no parity)
• Hardware flow control support for request to send (RTS_B) and clear to send
(CTS_B) signals
USB2
The USB2 OTG module has been specified to perform USB 2.0 On-The-Go (OTG)
compatible with the USB 2.0 specification with OTG supplementary specifications.
Specific features requested for this updated module:
• High Speed (480 Mbps), full speed (12 Mbps) and low speed (1.5 Mbps)
• Fully compatible with the USB On-The-Go supplement to the USB 2.0
specification
• Hardware support for OTG signaling
• Host Negotiation Protocol (HNP) and Session Request Protocol (SRP)
implemented in hardware, which can also be controlled by software
USBOH
The USBOH module has been specified which performs USB 2.0 On-The-Go
(OTG) and USB 2.0 Host functionality compatible with the USB 2.0 with OTG
supplement specification. This controller supports one independent USB core (1
×
USB2.0 OTG) and includes the PHY and I/O interfaces to support this operation.
Key features:
• One USB2.0 OTG controller
• High Speed (480 Mbps), full speed (12 Mbps) and low speed (1.5 Mbps)
• Fully compatible with the USB 2.0 specification
• Fully compatible with the USB On-The-Go supplement to the USB 2.0
specification
• Hardware support for OTG signaling
Host Negotiation Protocol (HNP) and Session Request Protocol (SRP)
implemented in hardware, which can also be controlled by software
Table 4. i.MX 8DualX modules list (continued)
Block
Mnemonic
Block Name
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com