Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CA13628 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA13628
Description  ~8째 spot beam
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13628 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA13628 Datasheet HTML 1Page - Ledil, Inc. CA13628 Datasheet HTML 2Page - Ledil, Inc. CA13628 Datasheet HTML 3Page - Ledil, Inc. CA13628 Datasheet HTML 4Page - Ledil, Inc. CA13628 Datasheet HTML 5Page - Ledil, Inc. CA13628 Datasheet HTML 6Page - Ledil, Inc. CA13628 Datasheet HTML 7Page - Ledil, Inc. CA13628 Datasheet HTML 8Page - Ledil, Inc. CA13628 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT
DATASHEET
CA13628_G2-LAURA-RS-P
G2-LAURA-RS-P
~8° spot beam. Assembly with thinner white
holder, installation tape and location pins.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 mm
Height
13.1 mm
Fastening
tape, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LAURA-RS
Single lens
PMMA
clear
LAURA-LT-PIN-XP-HLD-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA13628_G2-LAURA-RS-P
» Box size:
Single lens
360
180
5.9
Last update: 20/03/2019
Subject to change without prior notice
Published: 11/07/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/11


Similar Part No. - CA13628

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA13628 CREE-CA13628 Datasheet
1Mb / 27P
Laura series
More results

Similar Description - CA13628

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11974 LEDIL-CA11974 Datasheet
2Mb / 5P
~8째 spot beam optimized for Nichia 19.
CP12631 LEDIL-CP12631 Datasheet
1Mb / 5P
~8째 spot beam
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
~8째 spot beam optimized for LUXEON Rebel.
F12916 LEDIL-F12916 Datasheet
1Mb / 6P
~5.1째 spot beam
CA11998 LEDIL-CA11998 Datasheet
3Mb / 11P
~8째 beam for wall-washing
C12041 LEDIL-C12041 Datasheet
3Mb / 6P
~13째 spot beam
F13700 LEDIL-F13700 Datasheet
6Mb / 15P
~15째 spot beam
CA12537 LEDIL-CA12537 Datasheet
4Mb / 11P
~8째 spot beam
CA11353 LEDIL-CA11353 Datasheet
1Mb / 5P
~8째 spot beam optimized for CREE XP-E.
CA11959 LEDIL-CA11959 Datasheet
1Mb / 10P
~8째 spot beam optimized for CREE XP-E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com