Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CA13628 Datasheet(PDF) 4 Page - Ledil, Inc.

Part # CA13628
Description  ~8째 spot beam
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13628 Datasheet(HTML) 4 Page - Ledil, Inc.

  CA13628 Datasheet HTML 1Page - Ledil, Inc. CA13628 Datasheet HTML 2Page - Ledil, Inc. CA13628 Datasheet HTML 3Page - Ledil, Inc. CA13628 Datasheet HTML 4Page - Ledil, Inc. CA13628 Datasheet HTML 5Page - Ledil, Inc. CA13628 Datasheet HTML 6Page - Ledil, Inc. CA13628 Datasheet HTML 7Page - Ledil, Inc. CA13628 Datasheet HTML 8Page - Ledil, Inc. CA13628 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PRODUCT
DATASHEET
CA13628_G2-LAURA-RS-P
PHOTOMETRIC DATA (MEASURED):
LED
XQ-E HI
FWHM
5.0°
Efficiency
94 %
Peak intensity
65.3 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
LUXEON 3030 2D (Round LES)
FWHM
9.0°
Efficiency
92 %
Peak intensity
22.7 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
LUXEON TX
FWHM
11.0°
Efficiency
90 %
Peak intensity
20 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
NCSxx19A
FWHM
10.0°
Efficiency
90 %
Peak intensity
25.3 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
Last update: 20/03/2019
Subject to change without prior notice
Published: 11/07/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com