Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC7511XMY Datasheet(PDF) 45 Page - Microsemi Corporation

Part # VSC7511XMY
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511XMY Datasheet(HTML) 45 Page - Microsemi Corporation

Back Button VSC7511XMY Datasheet HTML 41Page - Microsemi Corporation VSC7511XMY Datasheet HTML 42Page - Microsemi Corporation VSC7511XMY Datasheet HTML 43Page - Microsemi Corporation VSC7511XMY Datasheet HTML 44Page - Microsemi Corporation VSC7511XMY Datasheet HTML 45Page - Microsemi Corporation VSC7511XMY Datasheet HTML 46Page - Microsemi Corporation VSC7511XMY Datasheet HTML 47Page - Microsemi Corporation VSC7511XMY Datasheet HTML 48Page - Microsemi Corporation VSC7511XMY Datasheet HTML 49Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
30
3.4.1
SERDES6G Basic Configuration
The SERDES6G is enabled in SERDES6G_COMMON_CFG.ENA_LANE. By default, the SERDES6G is
held reset and must be released from reset before the interface is active. This is done through
SERDES6G_COMMON_CFG.SYS_RST and SERDES6G_MISC_CFG.LANE_RST.
3.4.1.1
SERDES6G PLL Frequency Configuration
To operate the SERDES6G block at the correct frequency, configure the internal macro as follows. PLL
calibration is enabled through SERDES6G_PLL_CFG.PLL_FSM_ENA.
•
Configure SERDES6G_PLL_CFG.PLL_FSM_CTRL_DATA in accordance with data rates listed in
the following tables.
•
Set SYS_RST = 0 (active) and PLL_FSM_ENA = 0 (inactive).
•
Set SYS_RST = 1 (deactive) and PLL_FSM_ENA = 1 (active).
3.4.1.2
SERDES6G Frequency Configuration
The following table lists the range of data rates that are supported by the SERDES6G block.
3.4.2
SERDES6G Loopback Modes
The SERDES6G interface supports two different loopback modes for testing and debugging data paths:
equipment loopback and facility loopback.
3.4.2.1
Equipment Loopback (SERDES6G_COMMON_CFG.ENA_ELOOP)
Data is looped back from serializer output to the deserializer input, and the receive clock is recovered.
The equipment loopback includes all transmit and receive functions, except for the input and output
buffers. The Tx data can still be observed on the output.
3.4.2.2
Facility Loopback (SERDES6G_COMMON_CFG.ENA_FLOOP)
The clock and parallel data output from deserializer are looped back to the serializer interface. Incoming
serial data passes through the input buffer, the CDR, the deserializer, back to the serializer, and finally
out through the output buffer.
Only one of the loopbacks can be enabled at the same time.
The following illustration shows the loopback paths for the SERDESG6.
Table 17 •
PLL Configuration
Mode
SERDES6G_PLL_CFG.PLL_FSM_CTRL_DATA
SGMII/SerDes, 1 Gbps data
60
SGMII, 2.5 Gbps data
48
Table 18 •
SERDES6G Frequency Configuration Registers
Configuration
SGMII/SerDes
1Gbps
SGMII
2.5 Gbps
SERDES6G_PLL_CFG.PLL_ROT_FRQ
0
1
SERDES6G_PLL_CFG.PLL_ROT_DIR
1
0
SERDES6G_PLL_CFG.PLL_ENA_ROT
0
1
SERDES6G_COMMON_CFG.QRATE
1
0
SERDES6G_COMMON_CFG.HRATE
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com