Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC7511XMY Datasheet(PDF) 95 Page - Microsemi Corporation

Part # VSC7511XMY
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511XMY Datasheet(HTML) 95 Page - Microsemi Corporation

Back Button VSC7511XMY Datasheet HTML 91Page - Microsemi Corporation VSC7511XMY Datasheet HTML 92Page - Microsemi Corporation VSC7511XMY Datasheet HTML 93Page - Microsemi Corporation VSC7511XMY Datasheet HTML 94Page - Microsemi Corporation VSC7511XMY Datasheet HTML 95Page - Microsemi Corporation VSC7511XMY Datasheet HTML 96Page - Microsemi Corporation VSC7511XMY Datasheet HTML 97Page - Microsemi Corporation VSC7511XMY Datasheet HTML 98Page - Microsemi Corporation VSC7511XMY Datasheet HTML 99Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
80
Figure 26 •
IS2 Half Entry Type Overview
VCAP IS2 can hold the following number of IS2 entries:
•
MAC_ETYPE: Up to 128 entries.
•
MAC_LLC: Up to 128 entries.
•
MAC_SNAP: Up to 128 entries.
•
ARP: Up to 128 entries.
•
IP4_TCP_UDP
: Up to 128 entries.
•
IP4_OTHER
: Up to 128 entries.
•
IP6_STD: Up to 128 entries.
•
IP6_TCP_UDP: Up to 64 entries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com