Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SARA-R410M Datasheet(PDF) 6 Page - u-blox AG

Part # SARA-R410M
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R410M Datasheet(HTML) 6 Page - u-blox AG

Back Button SARA-R410M Datasheet HTML 2Page - u-blox AG SARA-R410M Datasheet HTML 3Page - u-blox AG SARA-R410M Datasheet HTML 4Page - u-blox AG SARA-R410M Datasheet HTML 5Page - u-blox AG SARA-R410M Datasheet HTML 6Page - u-blox AG SARA-R410M Datasheet HTML 7Page - u-blox AG SARA-R410M Datasheet HTML 8Page - u-blox AG SARA-R410M Datasheet HTML 9Page - u-blox AG SARA-R410M Datasheet HTML 10Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Functional description
Page 6 of 43
1.3 Block diagram
Memory
V_INT
RF
transceiver
Cellular
BaseBand
Processor
ANT
VCC (Supply)
USB
DDC (I2C)
SIM card detection
SIM
UART
Power-on
Reset
GPIOs
Antenna detection
Switch
PA
19.2 MHz
Power
Management
Filter
SDIO
SPI / Digital audio
Figure 1: SARA-R4 series block diagram
SARA-R404M-00B and SARA-R410M-01B modules, i.e. the “00” and “01” product versions of the
SARA-R4 series modules, do not support the following interfaces, which should be left
unconnected and should not be driven by external devices:
o
DDC (I2C) interface
o
SDIO interface
o
SPI interface
o
Digital audio interface
SARA-R410M-02B, SARA-R410M-52B, SARA-R410M-63B, SARA-R410M-73B, SARA-R412M-02B,
SARA-N410-02B modules, i.e. the “02”, “52”, “63”, “73” product versions of the SARA-R4 series
modules, do not support the following interfaces, which should be left unconnected and should
not be driven by external devices:
o
SDIO interface
o
SPI interface
o
Digital audio interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com