Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SARA-R410M Datasheet(PDF) 14 Page - u-blox AG

Part # SARA-R410M
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R410M Datasheet(HTML) 14 Page - u-blox AG

Back Button SARA-R410M Datasheet HTML 10Page - u-blox AG SARA-R410M Datasheet HTML 11Page - u-blox AG SARA-R410M Datasheet HTML 12Page - u-blox AG SARA-R410M Datasheet HTML 13Page - u-blox AG SARA-R410M Datasheet HTML 14Page - u-blox AG SARA-R410M Datasheet HTML 15Page - u-blox AG SARA-R410M Datasheet HTML 16Page - u-blox AG SARA-R410M Datasheet HTML 17Page - u-blox AG SARA-R410M Datasheet HTML 18Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Interfaces
Page 14 of 43
The USB_D+ / USB_D- lines carry the USB data and signaling, while the VUSB_DET pin represents the
input to enable the USB interface by applying an external valid USB VBUS voltage (5.0 V typical).
The USB interface is available as an AT command / data communication interface only if an
external valid USB VBUS voltage (5.0 V typical) is applied at the VUSB_DET input of the module
since the switch-on of the module, and then held during normal operations. In this case, the UART
will not be available.
If the USB interface is enabled, the module does not enter the low power deep sleep mode: the
external USB VBUS voltage needs to be removed from the VUSB_DET input of the module to let it
enter the Power Saving Mode defined in 3GPP Rel.13.
SARA-R4 series modules provide by default a set of two USB functions:
AT commands and data communication
Diagnostic log
For more details regarding USB configurations / capabilities, see the SARA-R4 series system
integration manual [2].
2.5.3 SPI interface
The SPI interface is not supported by the “00”, “01”, “02”, “52”, “63” and “73” product versions.
SARA-R4 series modules include a Serial Peripheral Interface for communications with compatible
external device.
The SPI interface can be made available as an alternative function, in a mutually exclusive way, over
the digital audio interface pins (I2S_WA / SPI_MOSI, I2S_RXD / SPI_MISO, I2S_CLK / SPI_CLK,
I2S_TXD / SPI_CS).
2.5.4 SDIO interface
The SDIO interface is not supported by “00”, “01”, “02”, “52”, “63” and “73” product versions.
SARA-R4 series modules include a 4-bit Secure Digital Input Output interface (SDIO_D0, SDIO_D1,
SDIO_D2, SDIO_D3, SDIO_CLK, and SDIO_CMD) designed to communicate with external compatible
SDIO devices.
2.5.5 DDC (I2C) interface
The DDC (I2C) interface is not supported by the “00” and “01” product versions.
SARA-R4 series modules include an I2C-bus compatible DDC interface (SDA, SCL) available to
communicate with a u-blox GNSS receiver and with external I2C devices as for example an audio
codec: the SARA-R4 series module acts as an I2C master that can communicate with I2C slaves in
accordance with the I2C-bus specifications [12].
The SDA and SCL pins have internal pull-up to V_INT, so there is no need of additional pull-up resistors
on the external application board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com