Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB7002T-IKDXV Datasheet(PDF) 38 Page - Microchip Technology

Part # USB7002T-IKDXV
Description  4-Port SS/HS USB Type-C??PD Smart Hub
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002T-IKDXV Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB7002T-IKDXV Datasheet HTML 34Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 35Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 36Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 37Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 38Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 39Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 40Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 41Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
USB7002
DS00002670D-page 38
2018-2019 Microchip Technology Inc.
8.6
USB to GPIO Bridging
The USB to GPIO bridging feature provides system designers expanded system control and potential BOM reduction.
General Purpose Input/Outputs (GPIOs) may be used for any general 3.3V level digital control and input functions.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Set the direction of the GPIO (input or output)
• Enable a pull-up resistor
• Enable a pull-down resistor
• Read the state
• Set the state
For detailed information on utilizing the USB to GPIO bridging feature, refer to the application note “USB to GPIO Bridg-
ing with Microchip USB7002 and USB705x Hubs
”, which can be found on the Microchip USB7002 product page at
www.microchip.com/USB7002.
8.7
USB to I2C Bridging
The USB to I2C bridging feature provides system designers expanded system control and potential BOM reduction. The
use of a separate USB to I2C device is no longer required and a downstream USB port is not lost, as occurs when a
standalone USB to I2C device is implemented.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
•Configure I2C Pass-Through Interface
•I2C Write
•I2C Read
For detailed information on utilizing the USB to I2C bridging feature, refer to the application note “USB to I2C Bridging
with Microchip USB7002 and USB705x Hubs
”, which can be found on the Microchip USB7002 product page at
www.microchip.com/USB7002.
8.8
USB to SPI Bridging
The USB to SPI bridging feature provides system designers expanded system control and potential BOM reduction. The
use of a separate USB to SPI device is no longer required and a downstream USB port is not lost, as occurs when a
standalone USB to SPI device is implemented.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Enable SPI Pass-Through Interface
• SPI Write/Read
• Disable SPI Pass-Through Interface
For detailed information on utilizing the USB to SPI bridging feature, refer to the application note “USB to SPI Bridging
with Microchip USB7002 and USB705x Hubs
”, which can be found on the Microchip USB7002 product page at
www.microchip.com/USB7002.
8.9
USB to UART Bridging
The USB to UART bridging feature provides system designers with expanded system control and potential BOM reduc-
tion. When using Microchip’s USB hubs, a separate USB to UART device is no longer required and a downstream USB
port is not lost, as occurs when a standalone USB to UART device is implemented.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Enable/Disable UART Interface
• Set UART Interface Baud Rate
•UART Write
•UART Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com