Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB7002T-IKDXV Datasheet(PDF) 43 Page - Microchip Technology

Part # USB7002T-IKDXV
Description  4-Port SS/HS USB Type-C??PD Smart Hub
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002T-IKDXV Datasheet(HTML) 43 Page - Microchip Technology

Back Button USB7002T-IKDXV Datasheet HTML 39Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 40Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 41Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 42Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 43Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 44Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 45Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 46Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
2018-2019 Microchip Technology Inc.
DS00002670D-page 43
USB7002
9.5
DC Specifications
4:
0.42V for interface using open drain with pull-ups to voltages up to 2.1V, 0.34V for interface using open drain
with pull-ups to voltages greater than 2.1V.
5: XTALI can optionally be driven from a 25 MHz singled-ended clock oscillator.
6:
Refer to the USB 3.1 Gen 1 Specification for USB DC electrical characteristics.
TABLE 9-3:
I/O DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typical
Max
Units
Notes
I Type Input Buffer
Low Input Level
High Input Level
VIL
VIH
1.25
Note 4
V
V
IS Type Input Buffer
Low Input Level
High Input Level
Schmitt Trigger Hysteresis
(VIHT - VILT)
VIL
VIH
VHYS
1.25
100
160
Note 4
240
V
V
mV
O12 Type Output Buffer
Low Output Level
High Output Level
VOL
VOH
VDD33-0.4
0.4
V
V
IOL = 12 mA
IOH = -12 mA
OD12 Type Output Buffer
Low Output Level
VOL
0.4
V
IOL = 12 mA
ICLK Type Input Buffer
(XTALI Input)
Low Input Level
High Input Level
VIL
VIH
0.9
0.35
1.2
V
V
Note 5
IO-U Type Buffer
(
See Note 6)
Note 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com