Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJM2309PSC Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2309PSC
Description  P-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2309PSC Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2309PSC Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2309PSC Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PJM2309PSC
P-Channel Power MOSFET
1 / 7
Features
VDS= -
60V ID= -4A
RDS(ON)= 180mΩ(max) @-10V
Halogen and Antimony Free
Applications
Load
Switch and in PWM Applications
Power Management
1
2
Gate
Source
1. Gate 2.Source 3.Drain
Marking: Q9
Schematic Diagram
Drain
3
Absolute Maximum Ratings
Ratings at TA =25℃ unless otherwise specified.
Parameter
Symbol
Value
Units
Drain-Source Voltage
-VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
-ID
4
A
Power Dissipation
PD
1.4
W
Junction and Storage Temperature Range
TJ, TSTG
150, -55 to 150
°C
Thermal Characteristics
Parameter
Symbol
Typ.
Units
Maximum Junction-to-Ambient Note2
RθJA
89
°C/W
www.pingjingsemi.com
Revision:1.
0 Jun-2019
SOT-23-3
Pulsed Drain Current Note1
-IDM
20
A
2
1
3


Similar Part No. - PJM2309PSC

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM2309PSA PJSEMI-PJM2309PSA Datasheet
2Mb / 7P
P-Channel Power MOSFET
More results

Similar Description - PJM2309PSC

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com