Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJM2321PSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2321PSA
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2321PSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2321PSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2321PSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2321PSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2321PSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2321PSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PJM2321PSA
P-Channel Power MOSFET
www.pingjingsemi.com
2 / 5
Revision:1.0 Jun-2018
Electrical Characteristics (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Type
Max
Units
Static Characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID=-
250µA
-20
V
Drain to Source Leakage Current
IDSS
VDS =-16V,VGS = 0V
-1
µA
Gate-body leakage current
IGSS
VGS =±12V, VDS = 0V
±100
nA
Gate threshold voltageNote3
VGS(th)
VDS =VGS, ID =-250µA
-0.4
-0.9
V
VGS =-4.5V, ID =-3.3A
57
mΩ
Drain-source on-resistance Note3
RDS(on)
VGS =-2.5V, ID =-2.8A
76
mΩ
VGS =-1.8V, ID =-2.3A
100
mΩ
Forward tranconductance Note3
gFS
VDS =-5V, ID =-3.3A
3
S
Dynamic characteristics
Input Capacitance
Ciss
VDS =-6V,VGS =0V,f=1MHz
715
pF
Output Capacitance
Coss
170
Reverse Transfer Capacitance
Crss
120
Switching Characteristics
Turn-on delay time
td(on)
ID=-1A,
VDD=-6V,
VGS=-4.5V,RGEN =1Ω,
RL =6Ω,
25
ns
Turn-on rise time
tr
55
Turn-off delay time
td(off)
90
Turn-off fall time
tf
60
Total gate charge
Qg
VDD =-6V,VGS =-4.5V,ID =-4.3A
13
nC
Gate-source charge
Qgs
1.2
Gate-drain charge
Qgd
1.6
Source-Drain Diode characteristics
Diode Forward voltage
VDS
VGS =0V, IS=-1.6A
1.2
V
Notes:1. Repetitive rating: Pluse width limited by junction temperature.
2. Surface mounted on FR4 board,t ≦ 10 sec.
3. Pulse test: pulse width ≦ 300us, duty cycle≦ 0.5%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com