Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJM2321PSA Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2321PSA
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2321PSA Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2321PSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2321PSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2321PSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2321PSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2321PSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PJM2321PSA
P-Channel Power MOSFET
www.pingjingsemi.com
3 / 5
Revision:1.0 Jun-2018
Typical Characteristic Curves
-0
-0.0
-2.5
-2
-4
-6
-8
-10
-0.1
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1
-20
-10
-0
-1
-2
-3
-4
-0
-4
-8
-12
-16
-0
-2
-4
-6
-8
-10
-12
0
50
100
150
200
250
300
-0
-2
-4
-6
-8
0
100
200
300
400
500
Ta=25℃
Pulsed
Ta=25℃
Pulsed
Transfer Characteristics
-0.5
-1.0
-1.5
-2.0
GATE TO SOURCE VOLTAGE VGS (V)
Ta=25℃
Pulsed
-0.3
-3
V
SD
I
S ——
SOURCE TO DRAIN VOLTAGE V
SD
(V)
VGS=-2.0V
VGS=-1.5V
VGS=-4.5V,-4.0V,-3.5V,-3.0V,-2.5V
V
GS=-1.0V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Ta=25℃
Pulsed
V
GS=-1.8V
V
GS=-2.5V
V
GS=-4.5V
DRAIN CURRENT I
D
(A)
Ta=25℃
Pulsed
ID=-3.3A
I
D
R
DS(ON)
——
V
GS
R
DS(ON)
——
GATE TO SOURCE VOLTAGE V
GS
(V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com