Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJM2333PSA Datasheet(PDF) 7 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2333PSA
Description  P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2333PSA Datasheet(HTML) 7 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2333PSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2333PSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2333PSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2333PSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2333PSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2333PSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2333PSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PJM2333PS
A
P-Channel Enhancement Mode Power MOSFET
www.pingjingsemi.com
7 / 7
Revison:1.0 Oct-2019
Package Specifications
The method of packaging
SOT-23
30,000 pcs per box
10 reels per box
120,000 pcs per carton
4 boxes per carton
3,000 pcs per reel
1
2
3
Embossed tape and reel data
1Pin
N
4.0
4.0
G
Symbol
B
Ø 54.5±0.2
C
12.3±0.3
D
9.6+2/-0.3
T1
1.0±0.2
T2
1.2±0.2
N
3.15±0.1
G
1.25±0.1
A
Value (unit: mm)
E
F
Ø 177.8±1
2.7±0.2
Ø 13.5±0.2
Reel (7'')
Tape (8mm)
435
220
210
195
A
B
C
E
F
T1
D
T2
Cover Tape
Carrier Tape



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com