Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJM2333PSA Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2333PSA
Description  P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2333PSA Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2333PSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2333PSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2333PSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2333PSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2333PSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2333PSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2333PSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PJM2333PS
A
P-Channel Enhancement Mode Power MOSFET
www.pingjingsemi.com
1 / 7
Revison:1.0 Oct-2019
Features
VDS=-12V, ID=-6A,
RDS(on)<45mΩ(Max.)@VGS=-2.5V
RDS(on)<30mΩ(Max.)@VGS=-4.5V
High power and current handing capability
Surface mount package
Application
1.Gate 2.Source 3.Drain
Marking: R33
PWM application
Load switch
Power Management
Absolute Maximum Ratings
Ratings at 25
℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
-12
V
Gate-Source Voltage
VGS
±12
V
Drain Current -Continuous
ID
-6
A
Drain Current -Pulsed Note1
IDM
-20
A
Power Dissipation
PD
0.9
W
Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
150,-55 to 150
℃
Thermal Characteristics
Parameter
Symbol
Limit
Unit
Thermal Resistance,Junction-to-Ambient Note2
RθJA
139
℃/W
SOT-23
1
2
Gate
Source
Schematic Diagram
Drain
3


Similar Part No. - PJM2333PSA

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM2333PSC PJSEMI-PJM2333PSC Datasheet
1Mb / 7P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - PJM2333PSA

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com